| Electronic Components Datasheet Search |
|
TLE49SRC8 Datasheet(PDF) 11 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE49SRC8 Datasheet(HTML) 11 Page - Infineon Technologies AG |
|
11 / 40 page ![]() Protocol output tdelay Sensor Interface tlatency Data Transmission Angle Computation Protocol Setup Data Filtering Trigger tdelay Data Transmission Angle Computation Protocol Setup Data Filtering 1/fPWM tangle Sampling of raw angle values tangle Figure 4 PWM interface timing overview SENT interface timing The following figure shows the SENT interface timing overview. The raw data is continuously filtered and sampled with the falling edge of the SYNC nibble, where the angle calculation starts and the output protocol is generated. After finishing the angle calculation, the value is transmitted within the same SENT frame. In this way, a constant delay of the angle data is achieved. Protocol output Sensor tlatency Data Transmission Angle Computation Protocol Setup Data Filtering Angle Computation Protocol Setup Data Filtering Sync Interface Data Transmission Sync Sampling of raw angle values Sampling of raw angle values Protocol output tIIR + tnotch tIIR + tnotch tlatency Figure 5 SENT interface timing overview SPC interface timing The following figure shows the interface timing overview starting with the trigger event of the SPC interface. The raw data is continuously filtered based on the configured filter characteristic. This data is sampled with the falling edge of the synchronization pulse after a valid SPC trigger is received. The falling edge of the synchronization pulse also starts the angle calculation using the CORDIC algorithm and the setup of the remaining protocol, which is send out after the synchronization pulse within the same SPC frame. In this way, a constant delay of the angle data in respect to the trigger event is achieved. TLE49SR Datasheet 4 Product features Datasheet 11 Rev. 1.1.1 2024-03-13 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |