Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2981 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD2981
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2981 Datasheet(HTML) 1 Page - STMicroelectronics

  LD2981 Datasheet HTML 1Page - STMicroelectronics LD2981 Datasheet HTML 2Page - STMicroelectronics LD2981 Datasheet HTML 3Page - STMicroelectronics LD2981 Datasheet HTML 4Page - STMicroelectronics LD2981 Datasheet HTML 5Page - STMicroelectronics LD2981 Datasheet HTML 6Page - STMicroelectronics LD2981 Datasheet HTML 7Page - STMicroelectronics LD2981 Datasheet HTML 8Page - STMicroelectronics LD2981 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
September 2003
s
STABLE WITH LOW ESR CERAMIC
CAPACITORS
s
ULTRA LOW DROPOUT VOLTAGE (0.17V
TYP. AT 100mA LOAD, 7mV TYP. AT 1mA
LOAD)
s
VERY LOW QUIESCENT CURRENT (80µA
TYP. AT NO LOAD IN ON MODE; MAX 1µA
IN OFF MODE)
s
GUARANTEED OUTPUT CURRENT UP TO
100mA
s
LOGIC-CONTROLLED ELECTRONIC
SHUTDOWN
s
OUTPUT VOLTAGE OF 1.5; 1.8; 2.5; 2.85;
3.0; 3.2; 3.3; 3.6; 3.8; 4.0; 4.7; 4.85; 5.0V
s
INTERNAL CURRENT AND THERMAL LIMIT
s
± 0.75% TOLERANCE OUTPUT VOLTAGE
AVAILABLE (A VERSION)
s
OUTPUT LOW NOISE VOLTAGE 160µVRMS
s
TEMPERATURE RANGE: -40 TO 125°C
s
SMALLEST PACKAGE SOT23-5L AND
SOT-89
s
FAST DYNAMIC RESPONSE TO LINE AND
LOAD CHANGES
DESCRIPTION
The LD2981 series are 100mA fixed-output
voltage regulator. The low drop-voltage and the
ultra low quiescent current make them suitable for
low noise, low power applications and in battery
powered systems.
The quiescent current in sleep mode is less than
1µA when INHIBIT pin is pulled low. Shutdown
Logic Control function is available on pin n.3 (TTL
compatible). This means that when the device is
used as local regulator, it is possible to put a part
of the board in standby, decreasing the total
power consumption. The LD2981 is designed to
work with low ESR ceramic capacitor. Typical
applications are in cellular phone, palmtop/laptop
computer,
personal
digital
assistant
(PDA),
personal stereo, camcorder and camera.
LD2981
SERIES
ULTRA LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LOW ESR OUTPUT CAPACITORS COMPATIBLE
SCHEMATIC DIAGRAM
SOT23-5L
SOT-89


Similar Part No. - LD2981

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD2981 STMICROELECTRONICS-LD2981 Datasheet
1Mb / 27P
Ultra low-drop voltage regulators with inhibit
April 2016
LD2981ABM25TR STMICROELECTRONICS-LD2981ABM25TR Datasheet
430Kb / 23P
Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible
14-Jul-2008
LD2981ABM30TR STMICROELECTRONICS-LD2981ABM30TR Datasheet
430Kb / 23P
Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible
14-Jul-2008
LD2981ABM30TR STMICROELECTRONICS-LD2981ABM30TR Datasheet
1Mb / 27P
Ultra low-drop voltage regulators with inhibit
April 2016
LD2981ABM33TR STMICROELECTRONICS-LD2981ABM33TR Datasheet
430Kb / 23P
Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible
14-Jul-2008
More results

Similar Description - LD2981

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com