Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2981 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD2981
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2981 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD2981 Datasheet HTML 7Page - STMicroelectronics LD2981 Datasheet HTML 8Page - STMicroelectronics LD2981 Datasheet HTML 9Page - STMicroelectronics LD2981 Datasheet HTML 10Page - STMicroelectronics LD2981 Datasheet HTML 11Page - STMicroelectronics LD2981 Datasheet HTML 12Page - STMicroelectronics LD2981 Datasheet HTML 13Page - STMicroelectronics LD2981 Datasheet HTML 14Page - STMicroelectronics LD2981 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LD2981 SERIES
11/17
APPLICATION NOTES
EXTERNAL CAPACITORS
Like any low-dropout regulator, the LD2981 requires external capacitors for regulator stability. This
capacitor must be selected to meet the requirements of minimum capacitance and equivalent series
resistance. We suggest to solder input and output capacitors as close as possible to the relative pins.
INPUT CAPACITOR
An input capacitor whose value is 1µF is required with the LD2981 (amount of capacitance can be
increased without limit). This capacitor must be located a distance of not more than 0.5" from the input pin
of the device and returned to a clean analog ground. Any good quality ceramic, tantalum or film capacitors
can be used for this capacitor.
OUTPUT CAPACITOR
The LD2981 is designed specifically to work with ceramic output capacitors. It may also be possible to use
Tantalum capacitors, but these are not as attractive for reasons of size and cost. By the way, the output
capacitor must meet both the requirement for minimum amount of capacitance and ESR (equivalent
series resistance) value. The figures 1 and 2 show the allowable ESR range as a function of the output
capacitance. These curves represent the stability region over the full temperature and IO range. Due to
the different loop gain, the stability improves for higher output versions and so the suggested minimum
output capacitor value, if low ESR ceramic type is used, is 1µF for output voltages equal or major than
3.8V, 2.2µF for output voltages from 2.85 to 3.3V, and 3.3µF for the other versions. However, if an output
capacitor lower than the suggested one is used, it’s possible to make stable the regulator adding a resistor
in series to the capacitor (see Figure1 & Figure2 to choose the right value according to the used version
and keeping in account that the ESR of ceramic capacitors has been measured @ 100KHz).
IMPORTANT
The output capacitor must maintain its ESR in the stable region over the full operating temperature to
assure stability. Also, capacitor tolerance and variation with temperature must be considered to assure
the minimum amount of capacitance is provided at all times. This capacitor should be located not more
than 0.5" from the output pin of the device and returned to a clean analog ground.
INHIBIT INPUT OPERATION
The inhibit pin can be used to turn OFF the regulator when pulled low, so drastically reducing the current
consumption down to less than 1µA. When the inhibit feature is not used, this pin must be tied to VI to
keep the regulator output ON at all times. To assure proper operation, the signal source used to drive the
inhibit pin must be able to swing above and below the specified thresholds listed in the electrical
characteristics section under VIH VIL. Any slew rate can beusedto drive theinhibit.
REVERSE CURRENT
The power transistor used in the LD2981 has not an inherent diode connected between the regulator input
and output. If the output is forced above the input, no current will flow from the output to the input across
the series pass transistor. When a VREV voltage is applied on the output, the reverse current measured,
according to the test circuit in figure 19, flows to the GND across the two feedback resistors. This current
typical value is 160µA. R1 and R2 resistors are implanted type; typical values are, respectively, 42.6 KΩ
and 51.150 K
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com