Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2981 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LD2981
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2981 Datasheet(HTML) 2 Page - STMicroelectronics

  LD2981 Datasheet HTML 1Page - STMicroelectronics LD2981 Datasheet HTML 2Page - STMicroelectronics LD2981 Datasheet HTML 3Page - STMicroelectronics LD2981 Datasheet HTML 4Page - STMicroelectronics LD2981 Datasheet HTML 5Page - STMicroelectronics LD2981 Datasheet HTML 6Page - STMicroelectronics LD2981 Datasheet HTML 7Page - STMicroelectronics LD2981 Datasheet HTML 8Page - STMicroelectronics LD2981 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LD2981 SERIES
2/17
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
CONNECTION DIAGRAM (top view)
PIN DESCRIPTION
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
-0.3 to 16
V
VINH
INHIBIT Input Voltage
-0.3 to 16
V
IO
Output Current
Internally limited
PD
Power Dissipation
Internally limited
TSTG
Storage Temperature Range
-55 to 150
°C
TOP
Operating Junction Temperature Range
-40 to 125
°C
Symbol
Parameter
SOT23-5L
SOT-89
Unit
Rthj-case Thermal Resistance Junction-case
81
15
°C/W
Rthj-amb Thermal Resistance Junction-ambient
255
110
°C/W
Pin N°
SOT23-5L
Pin N°
SOT-89
Symbol
Name and Function
13
VIN
Input Port
2
2
GND
Ground Pin
3
INHIBIT
Control switch ON/OFF. Inhibit is not internally pulled-up; it cannot be
left floating. Disable the device when connected to GND or to a
positive voltage less than 0.18V
4
NC
Not Connected
51
VOUT
Output Port
SOT23-5L
SOT-89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com