Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2981 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD2981
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2981 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD2981 Datasheet HTML 2Page - STMicroelectronics LD2981 Datasheet HTML 3Page - STMicroelectronics LD2981 Datasheet HTML 4Page - STMicroelectronics LD2981 Datasheet HTML 5Page - STMicroelectronics LD2981 Datasheet HTML 6Page - STMicroelectronics LD2981 Datasheet HTML 7Page - STMicroelectronics LD2981 Datasheet HTML 8Page - STMicroelectronics LD2981 Datasheet HTML 9Page - STMicroelectronics LD2981 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LD2981 SERIES
6/17
ELECTRICAL CHARACTERISTICS FOR LD2981C (Tj = 25°C, VI =VO(NOM) +1V, CI =1µF(X7R),
CO =2.2µF(X7R), IO =1mA, VINH = 2V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOP
Operating Input Voltage
2.5
16
V
VO
Output Voltage
IO = 1 mA
1.478
1.5
1.522
V
IO = 1 to 100 mA
1.470
1.530
IO = 1 to 100 mA
TJ= -40 to 125°C
1.445
1.555
VO
Output Voltage
IO = 1 mA
1.777
1.8
1.822
V
IO = 1 to 100 mA
1.764
1.836
IO = 1 to 100 mA
TJ= -40 to 125°C
1.737
1.863
VO
Output Voltage
IO = 1 mA
2.468
2.5
2.531
V
IO = 1 to 100 mA
2.45
2.55
IO = 1 to 100 mA
TJ= -40 to 125°C
2.412
2.587
VO
Output Voltage
IO = 1 mA
2.814
2.85
2.885
V
IO = 1 to 100 mA
2.793
2.907
IO = 1 to 100 mA
TJ= -40 to 125°C
2.75
2.949
VO
Output Voltage
IO = 1 mA
2.962
3
3.037
V
IO = 1 to 100 mA
2.94
3.06
IO = 1 to 100 mA
TJ= -40 to 125°C
2.895
3.105
VO
Output Voltage
IO = 1 mA
3.16
3.2
3.24
V
IO = 1 to 100 mA
3.136
3.264
IO = 1 to 100 mA
TJ= -40 to 125°C
3.088
3.312
VO
Output Voltage
IO = 1 mA
3.258
3.3
3.341
V
IO = 1 to 100 mA
3.234
3.366
IO = 1 to 100 mA
TJ= -40 to 125°C
3.184
3.415
VO
Output Voltage
IO = 1 mA
3.555
3.6
3.645
V
IO = 1 to 100 mA
3.528
3.672
IO = 1 to 100 mA
TJ= -40 to 125°C
3.474
3.726
VO
Output Voltage
IO = 1 mA
3.752
3.8
3.847
V
IO = 1 to 100 mA
3.724
3.876
IO = 1 to 100 mA
TJ= -40 to 125°C
3.667
3.933
VO
Output Voltage
IO = 1 mA
3.95
4
4.05
V
IO = 1 to 100 mA
3.92
4.08
IO = 1 to 100 mA
TJ= -40 to 125°C
3.86
4.14
VO
Output Voltage
IO = 1 mA
4.641
4.7
4.758
V
IO = 1 to 100 mA
4.606
4.794
IO = 1 to 100 mA
TJ= -40 to 125°C
4.535
4.864
VO
Output Voltage
IO = 1 mA
4.789
4.85
4.91
V
IO = 1 to 100 mA
4.753
4.947
IO = 1 to 100 mA
TJ= -40 to 125°C
4.68
5.019
VO
Output Voltage
IO = 1 mA
4.937
5
5.062
V
IO = 1 to 100 mA
4.9
5.1
IO = 1 to 100 mA
TJ= -40 to 125°C
4.825
5.175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com