Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2981 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD2981
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2981 Datasheet(HTML) 4 Page - STMicroelectronics

  LD2981 Datasheet HTML 1Page - STMicroelectronics LD2981 Datasheet HTML 2Page - STMicroelectronics LD2981 Datasheet HTML 3Page - STMicroelectronics LD2981 Datasheet HTML 4Page - STMicroelectronics LD2981 Datasheet HTML 5Page - STMicroelectronics LD2981 Datasheet HTML 6Page - STMicroelectronics LD2981 Datasheet HTML 7Page - STMicroelectronics LD2981 Datasheet HTML 8Page - STMicroelectronics LD2981 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LD2981 SERIES
4/17
ELECTRICAL CHARACTERISTICS FOR LD2981AB (Tj = 25°C, VI =VO(NOM) +1V, CI =1µF(X7R),
CO =2.2µF(X7R), IO =1mA, VINH = 2V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOP
Operating Input Voltage
2.5
16
V
VO
Output Voltage
IO = 1 mA
2.481
2.5
2.518
V
IO = 1 to 100 mA
2.475
2.525
IO = 1 to 100 mA
TJ= -40 to 125°C
2.437
2.562
VO
Output Voltage
IO = 1 mA
2.828
2.85
2.872
V
IO = 1 to 100 mA
2.822
2.878
IO = 1 to 100 mA
TJ= -40 to 125°C
2.779
2.921
VO
Output Voltage
IO = 1 mA
2.977
3
3.023
V
IO = 1 to 100 mA
2.970
3.030
IO = 1 to 100 mA
TJ= -40 to 125°C
2.925
3.075
VO
Output Voltage
IO = 1 mA
3.176
3.2
3.224
V
IO = 1 to 100 mA
3.168
3.232
IO = 1 to 100 mA
TJ= -40 to 125°C
3.12
3.28
VO
Output Voltage
IO = 1 mA
3.275
3.3
3.325
V
IO = 1 to 100 mA
3.267
3.333
IO = 1 to 100 mA
TJ= -40 to 125°C
3.217
3.383
VO
Output Voltage
IO = 1 mA
3.573
3.6
3.627
V
IO = 1 to 100 mA
3.564
3.636
IO = 1 to 100 mA
TJ= -40 to 125°C
3.510
3.690
VO
Output Voltage
IO = 1 mA
3.771
3.8
3.829
V
IO = 1 to 100 mA
3.762
3.838
IO = 1 to 100 mA
TJ= -40 to 125°C
3.705
3.895
VO
Output Voltage
IO = 1 mA
3.97
4
4.03
V
IO = 1 to 100 mA
3.96
4.04
IO = 1 to 100 mA
TJ= -40 to 125°C
3.9
4.1
VO
Output Voltage
IO = 1 mA
4.664
4.7
4.735
V
IO = 1 to 100 mA
4.653
4.747
IO = 1 to 100 mA
TJ= -40 to 125°C
4.582
4.817
VO
Output Voltage
IO = 1 mA
4.813
4.85
4.887
V
IO = 1 to 100 mA
4.801
4.899
IO = 1 to 100 mA
TJ= -40 to 125°C
4.729
4.971
VO
Output Voltage
IO = 1 mA
4.962
5
5.038
V
IO = 1 to 100 mA
4.950
5.050
IO = 1 to 100 mA
TJ= -40 to 125°C
4.875
5.125
∆V
O
Line Regulation
VO(NOM) +1 <VIN <16 V IO = 1 mA
0.003
0.014
%/V
TJ= -40 to 125°C
0.032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com