Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2981 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD2981
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2981 Datasheet(HTML) 3 Page - STMicroelectronics

  LD2981 Datasheet HTML 1Page - STMicroelectronics LD2981 Datasheet HTML 2Page - STMicroelectronics LD2981 Datasheet HTML 3Page - STMicroelectronics LD2981 Datasheet HTML 4Page - STMicroelectronics LD2981 Datasheet HTML 5Page - STMicroelectronics LD2981 Datasheet HTML 6Page - STMicroelectronics LD2981 Datasheet HTML 7Page - STMicroelectronics LD2981 Datasheet HTML 8Page - STMicroelectronics LD2981 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LD2981 SERIES
3/17
ORDERING CODES
TYPICAL APPLICATION CIRCUIT
(*) Inhibit Pin is not internally pulled-up then it must not be left floating. Disable the device when connected to GND or to a positive voltage
less than 0.18V.
AB VERSION
C VERSION
OUTPUT
VOLTAGES
SOT23-5L
SOT-89
SOT23-5L
SOT-89
LD2981CM15TR
LD2981CU15TR
1.5 V
LD2981CM18TR
LD2981CU18TR
1.8 V
LD2981ABM25TR
LD2981ABU25TR
LD2981CM25TR
LD2981CU25TR
2.5 V
LD2981ABM28TR
LD2981ABU28TR
LD2981CM28TR
LD2981CU28TR
2.85 V
LD2981ABM30TR
LD2981ABU30TR
LD2981CM30TR
LD2981CU30TR
3.0 V
LD2981ABM32TR
LD2981ABU32TR
LD2981CM32TR
LD2981CU32TR
3.2 V
LD2981ABM33TR
LD2981ABU33TR
LD2981CM33TR
LD2981CU33TR
3.3 V
LD2981ABM36TR
LD2981ABU36TR
LD2981CM36TR
LD2981CU36TR
3.6 V
LD2981ABM38TR
LD2981ABU38TR
LD2981CM38TR
LD2981CU38TR
3.8 V
LD2981ABM40TR
LD2981ABU40TR
LD2981CM40TR
LD2981CU40TR
4.0 V
LD2981ABM47TR
LD2981ABU47TR
LD2981CM47TR
LD2981CU47TR
4.7 V
LD2981ABM48TR
LD2981ABU48TR
LD2981CM48TR
LD2981CU48TR
4.85 V
LD2981ABM50TR
LD2981ABU50TR
LD2981CM50TR
LD2981CU50TR
5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com