Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28316PVC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY28316PVC
Description  FTG for VIA PL133T and PLE133T
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28316PVC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY28316PVC Datasheet HTML 1Page - Cypress Semiconductor CY28316PVC Datasheet HTML 2Page - Cypress Semiconductor CY28316PVC Datasheet HTML 3Page - Cypress Semiconductor CY28316PVC Datasheet HTML 4Page - Cypress Semiconductor CY28316PVC Datasheet HTML 5Page - Cypress Semiconductor CY28316PVC Datasheet HTML 6Page - Cypress Semiconductor CY28316PVC Datasheet HTML 7Page - Cypress Semiconductor CY28316PVC Datasheet HTML 8Page - Cypress Semiconductor CY28316PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CY28316
Document #: 38-07125 Rev. *B
Page 4 of 18
11:18
Command Code – 8 bits
‘1xxxxxxx’ stands for byte or word operation
bit[6:0] of the command code represents the offset
of the byte to be accessed
11:18
Command Code – 8 bits
‘1xxxxxxx’ stands for byte or word operation
bit[6:0] of the command code represents the offset
of the byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte low – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29:36
Data byte high – 8 bits
28
Read
37
Acknowledge from slave
29
Acknowledge from slave
38
Stop
30:37
Data byte low from slave – 8 bits
38
Acknowledge
39:46
Data byte high from slave – 8 bits
47
Not acknowledge
48
Stop
Table 4. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9
Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
‘1xxxxxxx’ stands for byte operation
bit[6:0] of the command code represents the offset
of the byte to be accessed
11:18
Command Code – 8 bits
‘1xxxxxxx’ stands for byte operation
bit[6:0] of the command code represents the offset
of the byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29
Stop
28
Read
29
Acknowledge from slave
30:37
Data byte from slave – 8 bits
38
Not acknowledge
39
Stop
Table 3. Word Read and Word Write Protocol (continued)
Word Write Protocol
Word Read Protocol
Bit
Description
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com