Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28316PVC Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY28316PVC
Description  FTG for VIA PL133T and PLE133T
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28316PVC Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY28316PVC Datasheet HTML 9Page - Cypress Semiconductor CY28316PVC Datasheet HTML 10Page - Cypress Semiconductor CY28316PVC Datasheet HTML 11Page - Cypress Semiconductor CY28316PVC Datasheet HTML 12Page - Cypress Semiconductor CY28316PVC Datasheet HTML 13Page - Cypress Semiconductor CY28316PVC Datasheet HTML 14Page - Cypress Semiconductor CY28316PVC Datasheet HTML 15Page - Cypress Semiconductor CY28316PVC Datasheet HTML 16Page - Cypress Semiconductor CY28316PVC Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
CY28316
Document #: 38-07125 Rev. *B
Page 13 of 18
Absolute Maximum Ratings[2.]
Stresses greater than those listed in this table may cause
permanent damage to the device. These represent a stress
rating only. Operation of the device at these or any other condi-
tions above those specified in the operating sections of this
specification is not implied. Maximum conditions for extended
periods may affect reliability.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
TA
Operating Temperature
0 to +70
°C
ESDPROT
Input ESD Protection
2 (min.)
kV
DC Electrical Characteristics: TA = 0°C to +70°C, VDDQ3 = 3.3V ±5%
[3]
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
Supply Current
IDD
3.3V Supply Current
260
mA
IDD
2.5V Supply Current
25
mA
Logic Inputs
VIL
Input Low Voltage
GND – 0.3
0.8
V
VIH
Input High Voltage
2.0
VDD + 0.3
V
IIL
Input Low Current[4]
–25
µA
IIH
Input High Current[4]
10
µA
Clock Outputs
VOL
Output Low Voltage
IOL = 1 mA
50
mV
VOH
Output High Voltage
IOH = –1 mA
3.1
V
IOL
Output Low Current
PCI
VOL = 1.5V
70
110
135
mA
REF
VOL = 1.5V
50
70
100
mA
48 MHz
VOL = 1.5V
50
70
100
mA
24 MHz
VOL = 1.5V
50
70
100
mA
SDRAM
VOL = 1.5V
70
110
135
mA
IOH
Output High Current
PCI
VOH = 1.5V
70
110
135
mA
REF
VOH = 1.5V
50
70
100
mA
48 MHz
VOH = 1.5V
50
70
100
mA
24 MHz
VOH = 1.5V
50
70
100
mA
SDRAM
VOH = 1.5V
70
110
135
mA
Crystal Oscillator
VTH
X1 Input Threshold Voltage[5]
VDDQ3 = 3.3V
1.65
V
CLOAD
Load Capacitance, Imposed on External
Crystal[6]
18
pF
CIN,X1
X1 Input Capacitance[7]
Pin X2 unconnected
TBD
pF
Pin Capacitance/Inductance
CIN
Input Pin Capacitance
Except X1 and X2
5
pF
COUT
Output Pin Capacitance
6
pF
LIN
Input Pin Inductance
7nH
Notes:
2.
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
3.
All clock outputs loaded with 6" 60
Ω transmission lines with 20-pF capacitors.
4.
CY28316 logic inputs (except FS3) have internal pull-up devices (pull-ups not full CMOS level). Logic input FS3 has an internal pull-down device.
5.
X1 input threshold voltage (typical) is VDD/2.
6.
The CY28316 contains an internal crystal load capacitor between pin X1 and ground and another between pin X2 and ground. The total load placed on the
crystal is 18 pF; this includes typical stray capacitance of short PCB traces to the crystal.
7.
X1 input capacitance is applicable when driving X1 with an external clock source (X2 is left unconnected).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com