Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28316PVC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY28316PVC
Description  FTG for VIA PL133T and PLE133T
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28316PVC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY28316PVC Datasheet HTML 1Page - Cypress Semiconductor CY28316PVC Datasheet HTML 2Page - Cypress Semiconductor CY28316PVC Datasheet HTML 3Page - Cypress Semiconductor CY28316PVC Datasheet HTML 4Page - Cypress Semiconductor CY28316PVC Datasheet HTML 5Page - Cypress Semiconductor CY28316PVC Datasheet HTML 6Page - Cypress Semiconductor CY28316PVC Datasheet HTML 7Page - Cypress Semiconductor CY28316PVC Datasheet HTML 8Page - Cypress Semiconductor CY28316PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FTG for VIA PL133T and PLE133T
CY28316
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07125 Rev. *B
Revised December 14, 2002
Features
• Single-chip system frequency synthesizer for VIA
PL133T and PLE133T chipsets
• Programmable clock output frequency with less than
1 MHz increment
• Integrated fail-safe Watchdog Timer for system
recovery
• Automatically switches to HW-selected or
SW-programmed clock frequency when Watchdog
Timer time-out occurs
• Capable of generating system RESET after a Watchdog
Timer time-out occurs or a change in output frequency
via SMBus interface
• Supports SMBus byte Read/Write and block Read/Write
operations to simplify system BIOS development
• Vendor ID and Revision ID support
• Programmable drive strength for SDRAM and PCI
output clocks
• Programmable output skew for CPU, PCI, and SDRAM
• Maximized electromagnetic interference (EMI)
suppression using Cypress’s Spread Spectrum
technology
• Available in 48-pin SSOP
Key Specifications
CPU to CPU Output Skew: ......................................... 175 ps
PCI to PCI Output Skew: ............................................ 500 ps
Note:
1.
Signals marked with ‘*’ have internal pull-up resistors.
Block Diagram
Pin Configuration
[1]
VDD_REF
REF0
PCI0/FS4*
XTAL
PLL Ref Freq
PLL 1
X2
X1
REF1/FS2*
VDD_PCI
PCI2:6
48MHz/FS0*
24_48MHz/FS1*
PLL2
÷2,3,4
OSC
VTTPWRGD#
VDD_48MHz
SMBus
SDATA
Logic
SCLK
SDRAM0:12
SDRAMIN
13
VDD_SDRAM
PCI1/FS3*
CPU0:1
÷2
VDD_REF
GND_REF
X1
X2
VDD_PCI
*FS4/PCI0
*FS3/PCI1
GND_PCI
PCI2
PCI3
PCI4
PCI5
PCI6
VDD_PCI
SDRAMIN
GND_SDRAM
SDRAM11
SDRAM10
VDD_SDRAM
SDRAM9
SDRAM8
GND_SDRAM
SDATA
SCLK
VTT_PWRGD#
REF0
REF1/FS2*
GND_CPU
CPU0
CPU1
VDD_CPU
RST#
SDRAM_12
GND_SDRAM
SDRAM0
SDRAM1
VDD_SDRAM
SDRAM2
SDRAM3
GND_SDRAM
SDRAM4
SDRAM5
VDD_SDRAM
SDRAM6
SDRAM7
VDD_48MHz
48MHz/FS0*
24_48MHz/FS1*
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
SMBus
{
Logic
Reset
RST#


Similar Part No. - CY28316PVC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28316PVC SPECTRALINEAR-CY28316PVC Datasheet
207Kb / 17P
FTG for VIA PL133T and PLE133T
CY28316PVCT SPECTRALINEAR-CY28316PVCT Datasheet
207Kb / 17P
FTG for VIA PL133T and PLE133T
More results

Similar Description - CY28316PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28317-2 CYPRESS-CY28317-2 Datasheet
172Kb / 21P
FTG for Mobile VIA PL133T and PLE133T Chipsets
CY28325-3 CYPRESS-CY28325-3 Datasheet
266Kb / 19P
FTG for VIA Pentium 4 Chipsets
CY28326 CYPRESS-CY28326 Datasheet
288Kb / 23P
FTG for VIA PT880 Serial Chipset
CY28316 CYPRESS-CY28316 Datasheet
170Kb / 20P
FTG for VIA PL133T and PLE133T
logo
SpectraLinear Inc
CY28316 SPECTRALINEAR-CY28316 Datasheet
207Kb / 17P
FTG for VIA PL133T and PLE133T
CY28317-2 SPECTRALINEAR-CY28317-2 Datasheet
263Kb / 20P
FTG for Mobile VIA??PL133T and PLE133T Chipsets
CY28325-3 SPECTRALINEAR-CY28325-3 Datasheet
206Kb / 18P
FTG for VIA??Pentium 4??Chipsets
CY28326 SPECTRALINEAR-CY28326 Datasheet
224Kb / 22P
FTG for VIA PT880 Serial Chipset
logo
Cypress Semiconductor
CY28325-2 CYPRESS-CY28325-2 Datasheet
343Kb / 19P
FTG for VIA Pentium 4 Chipsets
logo
Silicon Laboratories
CY28317-2 SILABS-CY28317-2 Datasheet
216Kb / 20P
FTG for Mobile VIA??PL133T and PLE133T Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com