Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28316PVC Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY28316PVC
Description  FTG for VIA PL133T and PLE133T
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28316PVC Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY28316PVC Datasheet HTML 8Page - Cypress Semiconductor CY28316PVC Datasheet HTML 9Page - Cypress Semiconductor CY28316PVC Datasheet HTML 10Page - Cypress Semiconductor CY28316PVC Datasheet HTML 11Page - Cypress Semiconductor CY28316PVC Datasheet HTML 12Page - Cypress Semiconductor CY28316PVC Datasheet HTML 13Page - Cypress Semiconductor CY28316PVC Datasheet HTML 14Page - Cypress Semiconductor CY28316PVC Datasheet HTML 15Page - Cypress Semiconductor CY28316PVC Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
CY28316
Document #: 38-07125 Rev. *B
Page 12 of 18
How to Program CPU Output Frequency?
When the programmable output frequency feature is enabled
(Pro_Freq_EN bit is set), the CPU output frequency is deter-
mined by the following equation:
Fcpu = G * (N+3)/(M+3).
“N” and “M” are the values programmed in the Programmable
Frequency Select N-Value Register and M-Value Register,
respectively.
“G” stands for the PLL Gear Constant, which is determined by
the programmed value of FS[4:0] or SEL[4:0]. The value is
listed in Table 3.
The ratio of (N+3) and (M+3) needs to be greater than “1”
[(N+3)/(M+3) > 1].
Table lists set of N and M values for different frequency output
ranges. This example uses a fixed value for the M-Value
Register and selects the CPU output frequency by changing
the value of the N-Value Register.
WD_TIMER[4:0]
These bits store the time-out value of the Watchdog Timer. The scale of the timer is determine by the
prescaler. The timer can support a value of 150 ms to 4.8 sec when the prescaler is set to 150 ms. If
the prescaler is set to 2.5 sec, it can support a value from 2.5 sec to 80 sec. When the Watchdog Timer
reaches “0,” it will set the WD_TO_STATUS bit.
WD_PRE_SCALER
0 = 150 ms.
1 = 2.5 sec.
RST_EN_WD
This bit will enable the generation of a Reset pulse when a watchdog timer time-out occurs.
0 = Disabled.
1 = Enabled.
RST_EN_FC
This bit will enable the generation of a Reset pulse after a frequency change occurs.
0 = Disabled.
1 = Enabled.
Table 6. Register Summary
Name
Description
Table 7. Examples of N and M Value for Different CPU Frequency Range
Frequency Ranges
Gear Constants
Fixed Value for
M-Value Register
Range of N-Value Register
for Different CPU Frequency
50 MHz – 129 MHz
48.00741
93
97–255
130 MHz – 248 MHz
48.00741
45
127–245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com