Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28316PVC Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CY28316PVC
Description  FTG for VIA PL133T and PLE133T
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28316PVC Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CY28316PVC Datasheet HTML 10Page - Cypress Semiconductor CY28316PVC Datasheet HTML 11Page - Cypress Semiconductor CY28316PVC Datasheet HTML 12Page - Cypress Semiconductor CY28316PVC Datasheet HTML 13Page - Cypress Semiconductor CY28316PVC Datasheet HTML 14Page - Cypress Semiconductor CY28316PVC Datasheet HTML 15Page - Cypress Semiconductor CY28316PVC Datasheet HTML 16Page - Cypress Semiconductor CY28316PVC Datasheet HTML 17Page - Cypress Semiconductor CY28316PVC Datasheet HTML 18Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
CY28316
Document #: 38-07125 Rev. *B
Page 14 of 18
AC Electrical Characteristics (TA = 0°C to +70°C, VDDQ3 = 3.3V ±5%, fXTL = 14.31818 MHz)
AC clock parameters are tested and guaranteed over stated
operating conditions using the stated lump capacitive load at
the clock output; Spread Spectrum is disabled.
CPU Clock Outputs (CPUT0, CPUC0, CPU_CS)[8]
Parameter
Description
Test Condition/Comments
CPU = 100 MHz
CPU = 133 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
tR
Output Rise Edge Rate
1.0
4.0
1.0
4.0
V/ns
tF
Output Fall Edge Rate
1.0
4.0
1.0
4.0
V/ns
tD
Duty Cycle
Measured at 50% point
45
55
45
55
%
tJC
Jitter, Cycle to Cycle
375
375
ps
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached
within 1 ms from power-up. Short
cycles exist prior to frequency
stabilization.
33
ms
Zo
AC Output Impedance
VO = VX
50
50
Ω
PCI Clock Outputs, PCI0:5 (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
Min. Typ. Max. Unit
tP
Period
Measured on the rising edge at 1.5V
30
ns
tH
High Time
Duration of clock cycle above 2.4V
12
ns
tL
Low Time
Duration of clock cycle below 0.4V
12
ns
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
1
4
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
1
4
V/ns
tD
Duty Cycle
Measured on the rising and falling edges at 1.5V
45
55
%
tJC
Jitter, Cycle-to-Cycle
Measured on the rising edge at 1.5V. Maximum difference of
cycle time between two adjacent cycles.
250
ps
tSK
Output Skew
Measured on the rising edge at 1.5V
500
ps
tO
CPU to PCI Clock Skew
Covers all CPU/PCI outputs. Measured on the rising edge at
1.5V. CPU leads PCI output.
1.5
4
ns
fST
Frequency Stabilization
from Power-up (cold start)
Assumes full supply voltage reached within 1 ms from
power-up. Short cycles exist prior to frequency stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used for deter-
mining series termination value.
30
Ω
REF0:1 Clock Outputs (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
Min.
Typ.
Max.
Unit
f
Frequency, Actual
Frequency generated by the crystal oscillator
14.318
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
0.5
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
2
V/ns
tD
Duty Cycle
Measured on the rising and falling edges at 1.5V
45
55
%
fST
Frequency Stabilization from
Power-up (cold start)
Assumes full supply voltage reached within 1 ms
from power-up. Short cycles exist prior to
frequency stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition. Used
for determining series termination value.
40
Ω
Note:
8.
Refer to Figure 1 for K7 operation clock driver test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com