Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28316PVC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY28316PVC
Description  FTG for VIA PL133T and PLE133T
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28316PVC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY28316PVC Datasheet HTML 4Page - Cypress Semiconductor CY28316PVC Datasheet HTML 5Page - Cypress Semiconductor CY28316PVC Datasheet HTML 6Page - Cypress Semiconductor CY28316PVC Datasheet HTML 7Page - Cypress Semiconductor CY28316PVC Datasheet HTML 8Page - Cypress Semiconductor CY28316PVC Datasheet HTML 9Page - Cypress Semiconductor CY28316PVC Datasheet HTML 10Page - Cypress Semiconductor CY28316PVC Datasheet HTML 11Page - Cypress Semiconductor CY28316PVC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CY28316
Document #: 38-07125 Rev. *B
Page 8 of 18
Bit 0
CPU0:1_DRV
0
CPU0:1 clock output drive strength.
0 = Normal.
1 = High Drive.
Byte 10: Skew Control Register
Bit
Name
Default
Description
Bit 7
CPU0:1_Skew2
0
CPU0:1 output skew control.
000 = Normal.
001 = –150 ps.
010 = –300 ps.
011 = –450 ps.
100 = +150 ps.
101 = +300 ps.
110 = +450 ps.
111 = +600 ps.
Bit 6
CPU0:1_Skew1
0
Bit 5
CPU0:1_Skew0
0
Bit 4
Reserved
0
Reserved.
Bit 3
Reserved
0
Reserved.
Bit 2
Reserved
0
Reserved.
Bit 1
Reserved
0
Reserved.
Bit 0
Reserved
0
Reserved.
Byte 11: Recovery Frequency N-Value Register
Bit
Name
Default
Pin Description
Bit 7
ROCV_FREQ_N7
0
If ROCV_FREQ_SEL is set, CY28316 will use the values programmed in
ROCV_FREQ_N[7:0] and ROCV_FREQ_M[6:0] to determine the recovery
CPU output frequency when a Watchdog Timer time-out occurs. The setting
of FS_Override bit determines the frequency ratio for CPU and PCI. When it
is cleared, CY28316 will use the same frequency ratio stated in the Latched
FS[4:0] register. When it is set, CY28316 will use the frequency ratio stated in
the SEL[4:0] register. CY28316 supports programmable CPU frequencies
ranging from 50 MHz to 248 MHz. CY28316 will change the output frequency
whenever there is an update to either ROCV_FREQ_N[7:0] or
ROCV_FREQ_M[6:0]. Therefore it is recommended to use word or block Write
to update both registers within the same SMBus bus operation.
Bit 6
ROCV_FREQ_N6
0
Bit 5
ROCV_FREQ_N5
0
Bit 4
ROCV_FREQ_N4
0
Bit 3
ROCV_FREQ_N3
0
Bit 2
ROCV_FREQ_N2
0
Bit 1
ROCV_FREQ_N1
0
Bit 0
ROCV_FREQ_N0
0
Byte 12: Recovery Frequency M-Value Register
Bit
Name
Default
Pin Description
Bit 7
ROCV_FREQ_SEL
0
ROCV_FREQ_SEL determines the source of the recover frequency when a
Watchdog Timer time-out occurs. The clock generator will automatically switch
to the recovery CPU frequency based on the selection on ROCV_FREQ_SEL.
0 = From latched FS[4:0].
1 = From the settings of ROCV_FREQ_N[7:0] and ROCV_FREQ_M[6:0].
Bit 6
ROCV_FREQ_M6
0
If ROCV_FREQ_SEL is set, CY28316 will use the values programmed in
ROCV_FREQ_N[7:0] and ROCV_FREQ_M[6:0] to determine the recovery
CPU output frequency when a Watchdog Timer time-out occurs. The setting
of the FS_Override bit determines the frequency ratio for CPU, SDRAM, and
PCI. When it is cleared, CY28316 will use the same frequency ratio stated in
the Latched FS[4:0] register. When it is set, CY28316 will use the frequency
ratio stated in the SEL[4:0] register. CY28316 supports programmable CPU
frequencies ranging from 50 MHz to 248 MHz. CY28316 will change the output
frequency whenever there is an update to either ROCV_FREQ_N[7:0] or
ROCV_FREQ_M[6:0]. Therefore, it is recommended to use word or block Write
to update both registers within the same SMBus bus operation.
Bit 5
ROCV_FREQ_M5
0
Bit 4
ROCV_FREQ_M4
0
Bit 3
ROCV_FREQ_M3
0
Bit 2
ROCV_FREQ_M2
0
Bit 1
ROCV_FREQ_M1
0
Bit 0
ROCV_FREQ_M0
0
Byte 9: System RESET and Watchdog Timer Register (continued)
Bit
Name
Default
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com