Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W311HT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # W311HT
Description  FTG for VIA??Pro-266 DDR Chipset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W311HT Datasheet(HTML) 5 Page - Cypress Semiconductor

  W311HT Datasheet HTML 1Page - Cypress Semiconductor W311HT Datasheet HTML 2Page - Cypress Semiconductor W311HT Datasheet HTML 3Page - Cypress Semiconductor W311HT Datasheet HTML 4Page - Cypress Semiconductor W311HT Datasheet HTML 5Page - Cypress Semiconductor W311HT Datasheet HTML 6Page - Cypress Semiconductor W311HT Datasheet HTML 7Page - Cypress Semiconductor W311HT Datasheet HTML 8Page - Cypress Semiconductor W311HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
W311
Document #: 38-07703 Rev. **
Page 5 of 19
W311 Serial Configuration Map
1. The serial bits will be read by the clock driver in the following
order:
Byte 0 - Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte 1 - Bits 7, 6, 5, 4, 3, 2, 1, 0
Byte N - Bits 7, 6, 5, 4, 3, 2, 1, 0
2. All unused register bits (reserved and N/A) should be
written to a “0” level.
3. All register bits labeled “Initialize to 0" must be written to
zero during initialization.
Byte 0: Control Register 0
Bit
Pin#
Name
Default
Description
Bit 7
–
Reserved
0
Reserved
Bit 6
–
SEL2
0
See Table 5
Bit 5
–
SEL1
0
See Table 5
Bit 4
–
SEL0
0
See Table 5
Bit 3
–
FS_Override
0
0 = Select operating frequency by FS[4:0] input pins
1 = Select operating frequency by SEL[4:0] settings
Bit 2
–
SEL4
1
See Table 5
Bit 1
–
SEL3
0
See Table 5
Bit 0
–
Reserved
0
Reserved
Byte 1: Control Register 1
Bit
Pin#
Name
Default
Description
Bit 7
-
Reserved
0
Reserved
Bit 6
-
Spread Select2
0
‘000’ = Normal (spread off)
‘001’ = Test Mode
‘010’ = Reserved
‘011’ = Three-Stated
‘100’ = –0.5%
‘101’ = ± 0.5%
‘110’ = ± 0.25%
‘111’ = ± 0.38%
Bit 5
-
Spread Select1
0
Bit 4
-
Spread Select0
0
Bit 3
35
CPU3
1
(Active/Inactive)
Bit 2
38
CPU2
1
(Active/Inactive)
Bit 1
39
CPU1
1
(Active/Inactive)
Bit 0
42
APIC2
1
(Active/Inactive)
Byte 2: Control Register 2
Bit
Pin#
Name
Default
Description
Bit 7
20
PC8
1
(Active/Inactive)
Bit 6
18
PCI7
1
(Active/Inactive)
Bit 5
17
PCI6
1
(Active/Inactive)
Bit 4
16
PCI5
1
(Active/Inactive)
Bit 3
14
PCI4
1
(Active/Inactive)
Bit 2
13
PCI3
1
(Active/Inactive)
Bit 1
11
PCI2
1
(Active/Inactive)
Bit 0
10
PCI1
1
(Active/Inactive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com