Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W311HT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # W311HT
Description  FTG for VIA??Pro-266 DDR Chipset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W311HT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button W311HT Datasheet HTML 6Page - Cypress Semiconductor W311HT Datasheet HTML 7Page - Cypress Semiconductor W311HT Datasheet HTML 8Page - Cypress Semiconductor W311HT Datasheet HTML 9Page - Cypress Semiconductor W311HT Datasheet HTML 10Page - Cypress Semiconductor W311HT Datasheet HTML 11Page - Cypress Semiconductor W311HT Datasheet HTML 12Page - Cypress Semiconductor W311HT Datasheet HTML 13Page - Cypress Semiconductor W311HT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
W311
Document #: 38-07703 Rev. **
Page 10 of 19
Byte 14: Programmable Frequency Select N-Value Register
Bit
Name
Default
Description
Bit 7
Pro_Freq_EN
0
Programmable output frequencies enabled
0 = disabled
1 = enabled
Bit 6
CPU_FSEL_M6
0
If Prog_Freq_EN is set, W311 will use the values programmed in
CPU_FSEL_N[7:0] and CPU_FSEL_M[6:0] to determine the CPU output
frequency. The new frequency will start to load whenever CPU_FSELM[6:0]
is updated.
The setting of FS_Override bit determines the frequency ratio for CPU,
SDRAM, AGP and SDRAM. When it is cleared, W311 will use the same
frequency ratio stated in the Latched FS[4:0] register. When it is set, W311
will use the frequency ratio stated in the SEL[4:0] register.
Bit 5
CPU_FSEL_M5
0
Bit 4
CPU_FSEL_M4
0
Bit 3
CPU_FSEL_M3
0
Bit 2
CPU_FSEL_M2
0
Bit 1
CPU_FSEL_M1
0
Bit 0
CPU_FSEL_M0
0
Byte 15: Reserved Register
Bit
Pin#
Name
Default
Description
Bit 7
47
Latched FS4 input
X
Latched FS[4:0] inputs. These bits are read only.
Bit 6
6
Latched FS3 input
X
Bit 5
7
Latched FS2 input
X
Bit 4
21
Latched FS1 input
X
Bit 3
22
Latched FS0 input
X
Bit 2
-
Vendor test mode
0
Reserved. Write with ‘0’
Bit 1
-
Vendor test mode
1
Reserved. Write with ‘1’
Bit 0
-
Vendor test mode
1
Reserved. Write with ‘1’
Byte 16: Reserved Register
Bit
Pin#
Name
Default
Description
Bit 7
-
Vendor test mode
0
Reserved. Write with ‘0’.
Bit 6
-
Vendor test mode
0
Reserved. Write with ‘0’.
Bit 5
-
Vendor test mode
0
Reserved. Write with ‘0’.
Bit 4
-
Vendor test mode
0
Reserved. Write with ‘0’.
Bit 3
-
Vendor test mode
0
Reserved. Write with ‘0’.
Bit 2
-
Vendor test mode
0
Reserved. Write with ‘0’.
Bit 1
-
Vendor test mode
0
Reserved. Write with ‘0’.
Bit 0
-
Vendor test mode
0
Reserved. Write with ‘0’.
Byte 17: Reserved Register
Bit
Pin#
Name
Default
Description
Bit 7
-
Vendor test mode
0
Reserved. Write with ‘0’.
Bit 6
-
Vendor test mode
0
Reserved. Write with ‘0’.
Bit 5
-
Vendor test mode
0
Reserved. Write with ‘0’.
Bit 4
-
Vendor test mode
0
Reserved. Write with ‘0’.
Bit 3
-
Vendor test mode
0
Reserved. Write with ‘0’.
Bit 2
-
Vendor test mode
0
Reserved. Write with ‘0’.
Bit 1
-
Vendor test mode
0
Reserved. Write with ‘0’.
Bit 0
-
Vendor test mode
0
Reserved. Write with ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com