Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W311HT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # W311HT
Description  FTG for VIA??Pro-266 DDR Chipset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W311HT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button W311HT Datasheet HTML 4Page - Cypress Semiconductor W311HT Datasheet HTML 5Page - Cypress Semiconductor W311HT Datasheet HTML 6Page - Cypress Semiconductor W311HT Datasheet HTML 7Page - Cypress Semiconductor W311HT Datasheet HTML 8Page - Cypress Semiconductor W311HT Datasheet HTML 9Page - Cypress Semiconductor W311HT Datasheet HTML 10Page - Cypress Semiconductor W311HT Datasheet HTML 11Page - Cypress Semiconductor W311HT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
W311
Document #: 38-07703 Rev. **
Page 8 of 19
Byte 9: System Reset and Watchdog Timer Register
Bit
Name
Default
Pin Description
Bit 7
Reserved
0
Reserved
Bit 6
PCI_DRV
0
PCI clock output drive strength
0 = Normal
1 = High Drive
Bit 5
Reserved
0
Reserved
Bit 4
RST_EN_WD
0
This bit will enable the generation of a Reset pulse when a watchdog timer
time-out occurs.
0 = Disabled
1 = Enabled
Bit 3
RST_EN_FC
0
This bit will enable the generation of a Reset pulse after a frequency change
occurs.
0 = Disabled
1 = Enabled
Bit 2
WD_TO_STATU
S
0
Watchdog Timer Time-out Status bit
0 = No time-out occurs (READ); Ignore (WRITE)
1 = time-out occurred (READ); Clear WD_TO_STATUS (WRITE)
Bit 1
WD_EN
0
0 = Stop and re-load Watchdog Timer
1 = Enable Watchdog Timer. It will start counting down after a frequency
change occurs.
Note:
W311 will generate system reset, reload a recovery frequency, and lock
itself into a recovery frequency mode after a watchdog timer time-out occurs.
Under recovery frequency mode, W311 will not respond to any attempt to
change output frequency via the SMBus control bytes. System software can
unlock W311 from its recovery frequency mode by clearing the WD_EN bit.
Bit 0
Reserved
0
Reserved
Byte 10: Skew Control Register
Bit
Name
Default
Description
Bit 7
CPU_Skew2
0
CPU skew control
000 = Normal
001 = –150 ps
010 = –300 ps
011 = –450 ps
100 = +150 ps
101 = +300 ps
110 = +450 ps
111 = +600 ps
Bit 6
CPU_Skew1
0
Bit 5
CPU_Skew0
0
Bit 4
Reserved
0
Reserved
Bit 3
Reserved
0
Reserved
Bit 2
Reserved
0
Reserved
Bit 1
AGP_Skew1
0
AGP skew control
00 = Normal
01 = –150 ps
10 = +150 ps
11 = +300 ps
Bit 0
AGP_Skew0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com