Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W311HT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # W311HT
Description  FTG for VIA??Pro-266 DDR Chipset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W311HT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button W311HT Datasheet HTML 7Page - Cypress Semiconductor W311HT Datasheet HTML 8Page - Cypress Semiconductor W311HT Datasheet HTML 9Page - Cypress Semiconductor W311HT Datasheet HTML 10Page - Cypress Semiconductor W311HT Datasheet HTML 11Page - Cypress Semiconductor W311HT Datasheet HTML 12Page - Cypress Semiconductor W311HT Datasheet HTML 13Page - Cypress Semiconductor W311HT Datasheet HTML 14Page - Cypress Semiconductor W311HT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
W311
Document #: 38-07703 Rev. **
Page 11 of 19
Programmable Output Frequency, Watchdog Timer and
Recovery Output Frequency Functional Description
The Programmable Output Frequency feature allows users to
generate any CPU output frequency from the range of 50 MHz
to 248 MHz. Cypress offers the most dynamic and the simplest
programming interface for system developers to utilize this
feature in their platforms.
The Watchdog Timer and Recovery Output Frequency
features allow users to implement a recovery mechanism
when the system hangs or getting unstable. System BIOS or
other control software can enable the Watchdog timer before
they attempt to make a frequency change. If the system hangs
and a Watchdog timer time-out occurs, a system reset will be
generated and a recovery frequency will be activated.
All of the related registers are summarized inTable 7.
Table 5. Additional Frequency Selections through Serial Data Interface Data Bytes
Input Conditions
Output Frequency
PLL Gear
Constants
(G)
FS4
FS3
FS2
FS1
FS0
CPU
3V66
PCI
SEL4
SEL3
SEL2
SEL1
SEL0
0
0
0
0
0
200.0
66.6
33.3
48.00741
0
0
0
0
1
190.0
76.0
38.0
48.00741
0
0
0
1
0
180.0
72.0
36.0
48.00741
0
0
0
1
1
170.0
68.0
34.0
48.00741
0
0
1
0
0
166.0
66.4
33.2
48.00741
0
0
1
0
1
160.0
64.0
32.0
48.00741
0
0
1
1
0
150.0
75.0
37.5
48.00741
0
0
1
1
1
145.0
72.5
36.3
48.00741
0
1
0
0
0
140.0
70.0
35.0
48.00741
0
1
0
0
1
136.0
68.0
34.0
48.00741
0
1
0
1
0
130.0
65.0
32.5
48.00741
0
1
0
1
1
124.0
62.0
31.0
48.00741
0
1
1
0
0
66.6
66.6
33.3
48.00741
0
1
1
0
1
100.0
66.6
33.3
48.00741
0
1
1
1
0
118.0
78.7
39.3
48.00741
0
1
1
1
1
133.3
66.6
33.3
48.00741
1
0
0
0
0
66.8
66.8
33.4
48.00741
1
0
0
0
1
100.2
66.8
33.4
48.00741
1
0
0
1
0
115.0
76.7
38.3
48.00741
1
0
0
1
1
133.6
66.8
33.4
48.00741
1
0
1
0
0
66.8
66.8
33.4
48.00741
1
0
1
0
1
100.2
66.8
33.4
48.00741
1
0
1
1
0
110.0
73.3
36.7
48.00741
1
0
1
1
1
133.6
66.8
33.4
48.00741
1
1
0
0
0
105.0
70.0
35.0
48.00741
1
1
0
0
1
90.0
60.0
30.0
48.00741
1
1
0
1
0
85.0
56.7
28.3
48.00741
1
1
0
1
1
78.0
78.0
39.0
48.00741
1
1
1
0
0
66.6
66.6
33.3
48.00741
1
1
1
0
1
100.0
66.6
33.3
48.00741
1
1
1
1
0
75.0
75.0
37.5
48.00741
1
1
1
1
1
133.3
66.6
33.3
48.00741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com