Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W311HT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # W311HT
Description  FTG for VIA??Pro-266 DDR Chipset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W311HT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button W311HT Datasheet HTML 3Page - Cypress Semiconductor W311HT Datasheet HTML 4Page - Cypress Semiconductor W311HT Datasheet HTML 5Page - Cypress Semiconductor W311HT Datasheet HTML 6Page - Cypress Semiconductor W311HT Datasheet HTML 7Page - Cypress Semiconductor W311HT Datasheet HTML 8Page - Cypress Semiconductor W311HT Datasheet HTML 9Page - Cypress Semiconductor W311HT Datasheet HTML 10Page - Cypress Semiconductor W311HT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
W311
Document #: 38-07703 Rev. **
Page 7 of 19
Byte 6: Reserved Register
Bit
Name
Default
Pin Description
Bit 7
Reserved
1
Reserved
Bit 6
Reserved
1
Reserved
Bit 5
Reserved
1
Reserved
Bit 4
Reserved
1
Reserved
Bit 3
Reserved
1
Reserved
Bit 2
Reserved
1
Reserved
Bit 1
Reserved
1
Reserved
Bit 0
Reserved
1
Reserved
Byte 7: Reserved Register
Bit
Name
Default
Pin Description
Bit 7
Reserved
1
Reserved
Bit 6
Reserved
1
Reserved
Bit 5
Reserved
1
Reserved
Bit 4
Reserved
1
Reserved
Bit 3
Reserved
1
Reserved
Bit 2
Reserved
1
Reserved
Bit 1
Reserved
1
Reserved
Bit 0
Reserved
1
Reserved
Byte 8: Vendor ID and Revision ID Register (Read Only)
Bit
Name
Default
Pin Description
Bit 7
Revision_ID3
0
Revision ID bit[3]
Bit 6
Revision_ID2
0
Revision ID bit[2]
Bit 5
Revision_ID1
0
Revision ID bit[1]
Bit 4
Revision_ID0
0
Revision ID bit[0]
Bit 3
Vendor_ID3
1
Bit[3] of Cypress Semiconductor’s Vendor ID. This bit is read only.
Bit 2
Vendor_ID2
0
Bit[2] of Cypress Semiconductor’s Vendor ID. This bit is read only.
Bit 1
Vendor _ID1
0
Bit[1] of Cypress Semiconductor’s Vendor ID. This bit is read only.
Bit 0
Vendor _ID0
0
Bit[0] of Cypress Semiconductor’s Vendor ID. This bit is read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com