Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W311HT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W311HT
Description  FTG for VIA??Pro-266 DDR Chipset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W311HT Datasheet(HTML) 1 Page - Cypress Semiconductor

  W311HT Datasheet HTML 1Page - Cypress Semiconductor W311HT Datasheet HTML 2Page - Cypress Semiconductor W311HT Datasheet HTML 3Page - Cypress Semiconductor W311HT Datasheet HTML 4Page - Cypress Semiconductor W311HT Datasheet HTML 5Page - Cypress Semiconductor W311HT Datasheet HTML 6Page - Cypress Semiconductor W311HT Datasheet HTML 7Page - Cypress Semiconductor W311HT Datasheet HTML 8Page - Cypress Semiconductor W311HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FTG for VIA™ Pro-266 DDR Chipset
W311
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07703 Rev. **
Revised March 14, 2005
Features
• Maximized EMI Suppression using Cypress’s Spread
Spectrum Technology
• System frequency synthesizer for VIA Pro-2000
• Programmable clock output frequency with less than 1
MHz increment
• Integrated fail-safe Watchdog Timer for system
recovery
• Automatically switch to HW selected or SW
programmed clock frequency when Watchdog Timer
time-out
• Capable of generate system RESET after a Watchdog
Timer time-out occurs or a change in output frequency
via SMBus interface
• Support SMBus byte read/write and block read/ write
operations to simplify system BIOS development
• Vendor ID and Revision ID support
• Programmable drive strength for CPU and PCI output
clocks
• Programmable output skew between CPU, AGP and PCI
• Supports Intel® Celeron® and Pentium® III class
processor
• Three copies of CPU output
• Nine copies of PCI output
• One 48-MHz output for USB
• One 24-MHz or 48-MHz output for SIO
• Two buffered reference outputs
• Three copies of APIC output
• Supports frequencies up to 200MHz
• SMBus Interface for programming
• Power management control inputs
• Available in 48-pin SSOP
Key Specifications
CPU Cycle-to-cycle Jitter: ..........................................250 ps
CPU to CPU Output Skew...........................................175 ps
PCI Cycle-to-cycle Jitter: .............................................500 ps
PCI to PCI Output Skew:.............................................500 ps
Note:
1. Signals marked with * have internal pull-up resistors
[1]
Block Diagram
Pin Configuration


Similar Part No. - W311HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W311HT SPECTRALINEAR-W311HT Datasheet
249Kb / 18P
FTG for VIA??Pro-266 DDR Chipset
logo
Silicon Laboratories
W311HT SILABS-W311HT Datasheet
462Kb / 19P
FTG for VIA??Pro-266 DDR Chipset
More results

Similar Description - W311HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W199 CYPRESS-W199 Datasheet
154Kb / 14P
Spread Spectrum FTG for VIA Apollo Pro-133
October 19, 1999, rev
W210 CYPRESS-W210 Datasheet
162Kb / 14P
Spread Spectrum FTG for VIA K7 Chipset
April 11, 2000, rev. C
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
Spread Spectrum FTG for VIA K7 Chipset
CY28326 CYPRESS-CY28326 Datasheet
288Kb / 23P
FTG for VIA PT880 Serial Chipset
W311 CYPRESS-W311 Datasheet
347Kb / 19P
FTG for VIA Pro-266 DDR Chipset
W210H CYPRESS-W210H Datasheet
165Kb / 14P
Spread Spectrum FTG for VIA K7 Chipset
logo
SpectraLinear Inc
CY28312B-2 SPECTRALINEAR-CY28312B-2 Datasheet
189Kb / 17P
FTG for VIA??K7 Series Chipset with Programmable Output Frequency
CY28326 SPECTRALINEAR-CY28326 Datasheet
224Kb / 22P
FTG for VIA PT880 Serial Chipset
W311 SPECTRALINEAR-W311 Datasheet
249Kb / 18P
FTG for VIA??Pro-266 DDR Chipset
logo
Silicon Laboratories
W311 SILABS-W311 Datasheet
462Kb / 19P
FTG for VIA??Pro-266 DDR Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com