Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7350A Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7350A
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7350A Datasheet HTML 8Page - STMicroelectronics TDA7350A Datasheet HTML 9Page - STMicroelectronics TDA7350A Datasheet HTML 10Page - STMicroelectronics TDA7350A Datasheet HTML 11Page - STMicroelectronics TDA7350A Datasheet HTML 12Page - STMicroelectronics TDA7350A Datasheet HTML 13Page - STMicroelectronics TDA7350A Datasheet HTML 14Page - STMicroelectronics TDA7350A Datasheet HTML 15Page - STMicroelectronics TDA7350A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TDA7350A
12/23
Figure 30. Block Diagram; Bridge Configuration
Figure 31. ICV - PNP Gain vs. IC
Figure 32. ICV - PNP VCE(sat) vs. IC
Figure 33. ICV - PNP cut-off frequency vs. IC
4.7 OUTPUT STAGE
Poor current capability and low cutoff frequency
are well known limits of the standard lateral PNP.
Composite PNP-NPN power output stages have
been widely used, regardless their high saturation
drop. This drop can be overcome only at the ex-
pense of external components, namely, the boot-
strap capacitors. The availability of 4A isolated
collector PNP (ICV PNP) adds versatility to the de-
sign. The performance of this component, in terms
of gain, VCEsat and cut-off frequency, is shown in
fig. 31, 32, 33 respectively. It is realized in a new
bipolar technology, characterized by topbottom
isolation techniques, allowing the implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com