Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7350A Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7350A
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7350A Datasheet HTML 12Page - STMicroelectronics TDA7350A Datasheet HTML 13Page - STMicroelectronics TDA7350A Datasheet HTML 14Page - STMicroelectronics TDA7350A Datasheet HTML 15Page - STMicroelectronics TDA7350A Datasheet HTML 16Page - STMicroelectronics TDA7350A Datasheet HTML 17Page - STMicroelectronics TDA7350A Datasheet HTML 18Page - STMicroelectronics TDA7350A Datasheet HTML 19Page - STMicroelectronics TDA7350A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
TDA7350A
16/23
5
Application Hints
This section explains briefly how to get the best
from the TDA7350A and presents some applica-
tion circuits with suggestions for the value of the
components.These values can change depending
on the characteristics that the designer of the car
radio wants to obtain,or other parts of the car radio
that are connected to the audio block.
To optimize the performance of the audio part it is
useful (or indispensable) to analyze also the parts
outside this block that can have an interconnection
with the amplifier.
This method can provide components and system
cost saving.
5.1 Reducing Turn On-Off Pop
The TDA7350A has been designed in a way that
the turn on(off) transients are controlled through
the charge(discharge) of the Csvr capacitor.
As a result of it, the turn on(off) transient spectrum
contents is limited only to the subsonic range.The
following section gives some brief notes to get the
best from this design feature(it will refer mainly to
the stereo application which appears to be in most
cases the more critical from the pop viewpoint.The
bridge connection in fact,due to the common mode
waveform at the outputs,does not give pop effect).
5.2 TURN-ON
Fig. 42 shows the output waveform (before and af-
ter the "A" weighting filter) compared to the value
of Csvr.
Better pop-on performance is obtained with higher
Csvr values (the recommended range is from 22
µF
to 220
µF).
The turn-on delay (during which the amplifier is in
mute condition) is a function essentially of : Cout,
Csvr. Being:
T1
≈ 120 · Cout
T2
≈ 1200 · Csvr
The turn-on delay is given by:
T1+T2 STEREO
T2 BRIDGE
The best performance is obtained by driving the st-
by pin with a ramp having a slope slower than 2V/
ms.
Figure 42.
a) Csvr = 22 µF
b) Csvr = 47 µF
c) Csvr = 100 µF
5.3 TURN-OFF
A turn-off pop can occur if the st-by pin goes low
with a short time constant (this can occur if other
car radio sections, preamplifiers,radio.. are sup-
plied through the same st-by switch).
This pop is due to the fast switch-off of the internal
current generator of the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com