Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7350A Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7350A
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7350A Datasheet HTML 13Page - STMicroelectronics TDA7350A Datasheet HTML 14Page - STMicroelectronics TDA7350A Datasheet HTML 15Page - STMicroelectronics TDA7350A Datasheet HTML 16Page - STMicroelectronics TDA7350A Datasheet HTML 17Page - STMicroelectronics TDA7350A Datasheet HTML 18Page - STMicroelectronics TDA7350A Datasheet HTML 19Page - STMicroelectronics TDA7350A Datasheet HTML 20Page - STMicroelectronics TDA7350A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
TDA7350A
If the voltage present across the load becomes rapidly zero (due to the fast switch off) a small pop occurs,
depending also on Cout,Rload.
The parameters that set the switch off time constant of the st-by pin are:
■
the st-by capacitor (Cst-by)
■
the SVR capacitor (Csvr)
■
resistors connected from st-by pin to ground (Rext)
The time constant is given by :
T
≈ Csvr · 2000Ω // Rext + Cst-by · 2500Ω // Rext
The suggested time constants are :
T > 120ms with Cout =1000
µF, RL = 4ohm,stereo
T > 170ms with Cout = 2200
µF, RL = 4ohm,stereo
If Rext is too low the Csvr can become too high and a different approach may be useful (see next section).
Figg 43, 44 show some types of electronic switches (
µP compatible) suitable for supplying the st-by pin (it
is important that Qsw is able to saturate with VCE
≤ 150mV).
Also for turn off pop the bridge configuration is superior, in particular the st-by pin can go low faster.
5.4 Global Approach to Solving Pop Problem by Using the Muting/Turn On Delay Function
In the real case turn-on and turn-off pop problems are generated not only by the power amplifier, but also
(very often) by preamplifiers,tone controls, radios etc. and transmitted by the power amplifier to the loud-
speaker.
A simple approach to solving these problems is to use the mute characteristics of the TDA7350A. If the
SVR pin is at a voltage below 1.5 V, the mute attenuation (typ)is 30dB .The amplifier is in play mode when
Vsvr overcomes 3.5 V.
With the circuit of fig 45 we can mute the amplifier for a time Ton after switch-on and for a time Toff after
switch-off. During this period the circuitry that precedes the power amplifier can produce spurious spikes
that are not transmitted to the loudspeaker.
This can give back a very simple design of this circuitry from the pop point of view. A timing diagram of
this circuit is illustrated in fig 46.
Other advantages of this circuit are:
– A reduced time constant allowance of stand-by pin turn off. Consequently it is possible to drive all the
car-radio with the signal that drives this pin.
– A better turn-off noise with signal on the output. To drive two stereo amplifiers with this circuit it is
possible to use the circuit of fig 47.
Figure 43.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com