Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7350A Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7350A
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7350A Datasheet HTML 11Page - STMicroelectronics TDA7350A Datasheet HTML 12Page - STMicroelectronics TDA7350A Datasheet HTML 13Page - STMicroelectronics TDA7350A Datasheet HTML 14Page - STMicroelectronics TDA7350A Datasheet HTML 15Page - STMicroelectronics TDA7350A Datasheet HTML 16Page - STMicroelectronics TDA7350A Datasheet HTML 17Page - STMicroelectronics TDA7350A Datasheet HTML 18Page - STMicroelectronics TDA7350A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15/23
TDA7350A
Figure 39.
4.9.3 Polarity Inversion
High current (up to 10A) can be handled by the de-
vice with no damage for a longer period than the
blow-out time of a quick 2A fuse (normally con-
nected in series with the supply). This features is
added to avoid destruction, if during fitting to the
car, a mistake on the connection of the supply is
made.
4.10 Open Ground
When the radio is in the ON condition and the
ground is accidentally opened, a standard audio
amplifier will be damaged. On the TDA7350A pro-
tection diodes are included to avoid any damage.
4.10.1DC Voltage
The maximum operating DC voltage for the
TDA7350A is 18V. However the device can with-
stand a DC voltage up to 28V with no damage.
This could occur during winter if two batteries are
series connected to crank the engine.
4.10.2Thermal Shut-down
The presence of a thermal limiting circuit offers the
following advantages:
1) an overload on the output (even if it is perma-
nent), or an excessive ambient temperature can
be easily withstood.
2) the heatsink can have a smaller factor of safety
compared with that of a conventional circuit.
There is no device damage in the case of exces-
sive junction temperature: all happens is that Po
(and therefore Ptot) and Id are reduced.
The maximum allowable power dissipation de-
pends upon the size of the external heatsink (i.e.
its thermal resistance); Fig. 40 shows the dissi-
pable power as a function of ambient temperature
for different thermal resistance.
Figure 40. Maximum Allowable Power
Dissipation vs. Ambient Temperature
The TDA7350A guarantees safe operations even
for the loudspeaker in case of accidental shortcir-
cuit.
Whenever a single OUT to GND, OUT to VS short
circuit occurs both the outputs are switched OFF
so limiting dangerous DC current flowing through
the loudspeaker.
Figure 41. Restart Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com