Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7350A Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7350A
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7350A Datasheet HTML 9Page - STMicroelectronics TDA7350A Datasheet HTML 10Page - STMicroelectronics TDA7350A Datasheet HTML 11Page - STMicroelectronics TDA7350A Datasheet HTML 12Page - STMicroelectronics TDA7350A Datasheet HTML 13Page - STMicroelectronics TDA7350A Datasheet HTML 14Page - STMicroelectronics TDA7350A Datasheet HTML 15Page - STMicroelectronics TDA7350A Datasheet HTML 16Page - STMicroelectronics TDA7350A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
TDA7350A
of low leakage diodes, too. It guarantees BVCEO > 20V and BVCBO > 50V both for NPN and PNP transis-
tors. Basically, the connection shown in fig. 34 has been chosen. First of all because its voltage swing is
rail-to-rail, limited only by the VCEsat of the output transistors, which are in the range of 0.3
Ω each. Then,
the gain VOUT/VIN is greater than unity, approximately 1+R2/R1. (VCC/2 is fixed by an auxiliary amplifier
common to both channel). It is possible, controlling the amount of this local feedback, to force the loop
gain (A .
β) to less than unity at frequencies for which the phase shift is 180°. This means that the output
buffer is intrinsically stable and not prone to oscillation.
Figure 34. The New Output Stage
In contrast, with the circuit of fig. 35, the solution adopted to reduce the gain at high frequencies is the use
of an external RC network.
4.8 AMPLIFIER BLOCK DIAGRAM
The block diagram of each voltage amplifier is shown in fig. 36. Regardless of production spread, the cur-
rent in each final stage is kept low, with enough margin on the minimum, below which cross-over distortion
would appear.
Figure 35. A Classical Output Stage
Figure 36. Amplifier Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com