Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7350A Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7350A
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7350A Datasheet HTML 10Page - STMicroelectronics TDA7350A Datasheet HTML 11Page - STMicroelectronics TDA7350A Datasheet HTML 12Page - STMicroelectronics TDA7350A Datasheet HTML 13Page - STMicroelectronics TDA7350A Datasheet HTML 14Page - STMicroelectronics TDA7350A Datasheet HTML 15Page - STMicroelectronics TDA7350A Datasheet HTML 16Page - STMicroelectronics TDA7350A Datasheet HTML 17Page - STMicroelectronics TDA7350A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
TDA7350A
14/23
4.9 BUILT-IN PROTECTION SYSTEMS
4.9.1 Short Circuit Protection
The maximum current the device can deliver can be calculated by considering the voltage that may be
present at the terminals of a car radio amplifier and the minimum load impedance.
Apart from consideration concerning the area of the power transistors it is not difficult to achieve peak cur-
rents of this magnitude (5A peak).
However, it becomes more complicated if AC and DC short circuit protection is also required.In particular,
with a protection circuit which limits the output current following the SOA curve of the output transistors it
is possible that in some conditions (highly reactive loads, for example) the protection circuit may intervene
during normal operation. For this reason each amplifier has been equipped with a protection circuit that
intervenes when the output current exceeds 4A.
Fig 37 shows the protection circuit for an NPN power transistor (a symmetrical circuit applies to PNP).The
VBE of the power is monitored and gives out a signal,available through a cascode.
This cascode is used to avoid the intervention of the short circuit protection when the saturation is below
a given limit.
The signal sets a flip-flop which forces the amplifier outputs into a high impedance state.
In case of DC short circuit when the short circuit is removed the flip-flop is reset and restarts the circuit
(fig. 41). In case of AC short circuit or load shorted in Bridge configuration, the device is continuously
switched in ON/OFF conditions and the current is limited.
Figure 37. Circuitry for Short Circuit Detection
4.9.2 Load Dump Voltage Surge
The TDA7350A has a circuit which enables it to withstand a voltage pulse train on pin 9, of the type shown
in fig. 39.
If the supply voltage peaks to more than 40V, then an LC filter must be inserted between the supply and
pin 9, in order to assure that the pulses at pin 9 will be held within the limits shown.
A suggested LC network is shown in fig. 38. With this network, a train of pulses with amplitude up to 120V
and width of 2ms can be applied at point A. This type of protection is ON when the supply voltage (pulse
or DC) exceeds 18V. For this reason the maximum operating supply voltage is 18V.
Figure 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com