Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA328 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA328
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA328 Datasheet HTML 8Page - STMicroelectronics STA328 Datasheet HTML 9Page - STMicroelectronics STA328 Datasheet HTML 10Page - STMicroelectronics STA328 Datasheet HTML 11Page - STMicroelectronics STA328 Datasheet HTML 12Page - STMicroelectronics STA328 Datasheet HTML 13Page - STMicroelectronics STA328 Datasheet HTML 14Page - STMicroelectronics STA328 Datasheet HTML 15Page - STMicroelectronics STA328 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
STA328
12/41
7.1 CONFIGURATION REGISTER A (Address 00h)
7.1.1
Master Clock Select
The STA328 will support sample rates of 32kHz, 44.1kHz, 48Khz, 88.2kHz, and 96kHz. Therefore the
internal clock will be:
■ 32.768Mhz for 32kHz
■ 45.1584Mhz for 44.1khz, 88.2kHz, and 176.4kHz
■ 49.152Mhz for 48kHz, 96kHz, and 192kHz
The external clock frequency provided to the XTI pin must be a multiple of the input sample frequency (fs).
The correlation between the input clock and the input sample rate is determined by the status of the MCSx
bits and the IR (Input Rate) register bits. The MCSx bits determine the PLL factor generating the internal
clock and the IR bit determines the oversampling ratio used internally.
Table 7. IR and MCS Settings for Input Sample Rate and Clock Rate
7.1.2
Interpolation Ratio Select
The STA328 has variable interpolation (re-sampling) settings such that internal processing and DDX out-
put rates remain consistent. The first processing block interpolates by either 2 times or 1 time (pass-
through) or provides a down-sample by a factor of 2.
The IR bits determine the re-sampling ratio of this interpolation.
Table 8. IR bit settings as a function of Input Sample Rate
D7
D6
D5
D4
D3
D2
D1
D0
FDRB
TWAB
TFRB
IR1
IR0
MCS2
MCS1
MCS0
011000
11
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
1
MCS0
Master Clock Select: Selects the ratio between the input
I2S sample frequency and the input clock.
1R/W
1
MCS1
2R/W
0
MCS2
Input Sample Rate
fs (kHz)
IR
MCS(2..0)
000
001
010
011
100
101
32, 44.1, 48
00
768fs
512fs
384fs
256fs
128fs
576fs
88.2, 96
01
384fs
256fs
192fs
128fs
64fs
x
176.4, 192
1X
384fs
256fs
192fs
128fs
64fs
x
BIT
R/W
RST
NAME
DESCRIPTION
4...3
R/W
00
IR (1...0)
Interpolation Ratio Select: Selects internal interpolation ratio based
on input I2S sample frequency
Input Sample Rate Fs (kHz)
IR (1,0)
1st Stage Interpolation Ratio
32
00
2 times over-sampling
44.1
00
2 times over-sampling
48
00
2 times over-sampling
88.2
01
Pass-Through
96
01
Pass-Through
176.4
10
Down-sampling by 2
192
10
Down-sampling by 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com