Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA328 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA328
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA328 Datasheet HTML 18Page - STMicroelectronics STA328 Datasheet HTML 19Page - STMicroelectronics STA328 Datasheet HTML 20Page - STMicroelectronics STA328 Datasheet HTML 21Page - STMicroelectronics STA328 Datasheet HTML 22Page - STMicroelectronics STA328 Datasheet HTML 23Page - STMicroelectronics STA328 Datasheet HTML 24Page - STMicroelectronics STA328 Datasheet HTML 25Page - STMicroelectronics STA328 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
STA328
22/41
7.8.2.2Channel 2 Volume (Address 09h)
7.8.2.3Channel 3 Volume (Address 0Ah)
7.8.3
Volume Description
The volume structure of the STA328 consists of individual volume registers for each of the three channels
and a master volume register, and individual channel volume trim registers. The channel volume settings
are normally used to set the maximum allowable digital gain and to hard-set gain differences between cer-
tain channels. These values are normally set at the initialization of the IC and not changed. The individual
channel volumes are adjustable in 0.5dB steps from +48dB to -80 dB. The master volume control is nor-
mally mapped to the master volume of the system. The values of these two settings are summed to find
the actual gain/volume value for any given channel.
When set to 1, the Master Mute will mute all channels, whereas the individual channel mutes (CxM) will
mute only that channel. Both the Master Mute and the Channel Mutes provide a “soft mute” with the vol-
ume ramping down to mute in 4096 samples from the maximum volume setting at the internal processing
rate (~96kHz). A “hard mute” can be obtained by commanding a value of all 1’s (FFh) to any channel vol-
ume register or the master volume register. When volume offsets are provided via the master volume reg-
ister any channel whose total volume is less than –100dB will be muted.
All changes in volume take place at zero-crossings when ZCE = 1 (configuration register E) on a per chan-
nel basis as this creates the smoothest possible volume transitions. When ZCE=0, volume updates will
occur immediately.
The STA328 also features a soft-volume update function that will ramp the volume between intermediate
values when the value is updated, when SVE = 1 (configuration register E). This feature can be disabled
by setting SVE = 0.
Each channel also contains an individual channel volume bypass. If a particular channel has volume by-
passed via the CxVBP = 1 register then only the channel volume setting for that particular channel affects
the volume setting, the master volume setting will not affect that channel. Also, master soft-mute will not
affect the channel if CxVBP = 1.
Each channel also contains a channel mute. If CxM = 1 a soft mute is performed on that channel
Table 16. Master Volume Offset as a Function of MV (7..0).
D7
D6
D5
D4
D3
D2
D1
D0
C2V7
C2V6
C2V5
C2V4
C2V3
C2V2
C2V1
C2V0
011000
00
D7
D6
D5
D4
D3
D2
D1
D0
C3V7
C3V6
C3V5
C3V4
C3V3
C3V2
C3V1
C3V0
011000
00
MV (7..0)
Volume Offset from Channel Value
00000000 (00h)
0dB
00000001 (01h)
-0.5dB
00000010 (02h)
-1dB
……
01001100 (4Ch)
-38dB
……
11111110 (FEh)
-127dB
11111111 (FFh)
Hard Master Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com