Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA328 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA328
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA328 Datasheet HTML 14Page - STMicroelectronics STA328 Datasheet HTML 15Page - STMicroelectronics STA328 Datasheet HTML 16Page - STMicroelectronics STA328 Datasheet HTML 17Page - STMicroelectronics STA328 Datasheet HTML 18Page - STMicroelectronics STA328 Datasheet HTML 19Page - STMicroelectronics STA328 Datasheet HTML 20Page - STMicroelectronics STA328 Datasheet HTML 21Page - STMicroelectronics STA328 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
STA328
18/41
7.5.3
DSP Bypass
Setting the DSPB bit bypasses all the EQ and Mixing functionality of the STA328 Core.
7.5.4
Post-Scale Link
Post-Scale functionality is an attenuation placed after the volume control and directly before the conver-
sion to PWM. Post-Scale can also be used to limit the maximum modulation index and therefore the peak
current. A setting of 1 in the PSL register will result in the use of the value stored in Channel 1 post-scale
for all three internal channels.
7.5.5
Biquad Coefficient Link
For ease of use, all channels can use the biquad coefficients loaded into the Channel 1 Coefficient RAM
space by setting the BQL bit to 1. Therefore, any EQ updates only have to be performed once.
7.5.6
Dynamic Range Compression/Anti-Clipping Bit
Both limiters can be used in one of two ways, anti-clipping or dynamic range compression. When used in
anti-clipping mode the limiter threshold values are constant and dependent on the limiter settings. In dy-
namic range compression mode the limiter threshold values vary with the volume settings allowing a night-
time listening mode that provides a reduction in the dynamic range regardless of the volume level.
7.5.7
Zero-Detect Mute Enable
Setting the ZDE bit enables the zero-detect automatic mute. When ZDE=1, the zero-detect circuit looks
at the input data to each processing channel after the channel-mapping block. If any channel receives
2048 consecutive zero value samples (regardless of fs) then that individual channel is muted if this func-
tion is enabled.
7.5.8
1.1.5Miami ModeTM Enable
BIT
R/W
RST
NAME
DESCRIPTION
2
R/W
0
DSPB
DSP Bypass Bit:
0 – Normal Operation
1 – Bypass of EQ and Mixing Functionality
BIT
R/W
RST
NAME
DESCRIPTION
3
R/W
0
PSL
Post-Scale Link:
0 – Each Channel uses individual Post-Scale value
1 – Each Channel uses Channel 1 Post-Scale value
BIT
R/W
RST
NAME
DESCRIPTION
4
R/W
0
BQL
Biquad Link:
0 – Each Channel uses coefficient values
1 – Each Channel uses Channel 1 coefficient values
BIT
R/W
RST
NAME
DESCRIPTION
5
R/W
0
DRC
Dynamic Range Compression/Anti-Clipping
0 – Limiters act in Anti-Clipping Mode
1 – Limiters act in Dynamic Range Compression Mode
BIT
R/W
RST
NAME
DESCRIPTION
6
R/W
1
ZDE
Zero-Detect Mute Enable: Setting of 1 enables the automatic zero-
detect mute
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
MME
Miami-Mode Enable:
0 – Sub Mix into Left/Right Disabled
1 – Sub Mix into Left/Right Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com