Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA328 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA328
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA328 Datasheet HTML 27Page - STMicroelectronics STA328 Datasheet HTML 28Page - STMicroelectronics STA328 Datasheet HTML 29Page - STMicroelectronics STA328 Datasheet HTML 30Page - STMicroelectronics STA328 Datasheet HTML 31Page - STMicroelectronics STA328 Datasheet HTML 32Page - STMicroelectronics STA328 Datasheet HTML 33Page - STMicroelectronics STA328 Datasheet HTML 34Page - STMicroelectronics STA328 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
31/41
STA328
8
USER PROGRAMMABLE PROCESSING
8.1 EQ - BIQUAD EQUATION
The biquads use the equation that follows. This is diagrammed in Figure 14 below.
Y[n] = 2(b0/2)X[n] + 2(b1/2)X[n-1] + b2X[n-2] - 2(a1/2)Y[n-1] - a2Y[n-2]
= b0X[n] + b1X[n-1] + b2X[n-2] - a1Y[n-1] - a2Y[n-2]
where Y[n] represents the output and X[n] represents the input.
Multipliers are 28-bit signed fractional
multipliers, with coefficient values in the range of 800000h (-1) to 7FFFFFh (0.9999998808).
Coefficients stored in the User Defined Coefficient RAM are referenced in the following manner:
– CxHy0 = b1/2
– CxHy1 = b2
– CxHy2 = -a1/2
– CxHy3 = -a2
– CxHy4 = b0/2
The x represents the channel and the y the biquad number. For example C3H41 is the b0/2 coefficient in
the fourth biquad for channel 3
Figure 15. - Biquad Filter
8.2 PRE-SCALE
The Pre-Scale block which precedes the first biquad is used for attenuation when filters are designed that
boost frequencies above 0dBFS. This is a single 28-bit signed multiplier, with 800000h = -1 and 7FFFFFh
= 0.9999998808. By default, all pre-scale factors are set to 7FFFFFh.
8.3 POST-SCALE
The STA328 provides one additional multiplication after the last interpolation stage and before the distor-
tion compensation on each channel. This is a 24-bit signed fractional multiplier. The scale factor for this
multiplier is loaded into RAM using the same I2C registers as the biquad coefficients and the mix. All chan-
nels can use the same settings as channel 1 by setting the post-scale link bit.
8.4 MIX/BASS MANAGEMENT
The STA328 provides a post-EQ mixing block per channel. Each channel has 2 mixing coefficients, which
are each 24-bit signed fractional multipliers, that correspond to the 2 channels of input to the mixing block.
These coefficients are accessible via the User Controlled Coefficient RAM described below. The mix co-
efficients are expressed as 24-bit signed; fractional numbers in the range +1.0 (8388607) to -1.0 (-
8388608) are used used to provide three channels of output from two channels of filtered input.
+
+
+
2
2
-a2
-a1 /2
b2
b1 /2
b0 /2
Z
-1
Z
-1
Z
-1
Z
-1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com