Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA328 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA328
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA328 Datasheet HTML 31Page - STMicroelectronics STA328 Datasheet HTML 32Page - STMicroelectronics STA328 Datasheet HTML 33Page - STMicroelectronics STA328 Datasheet HTML 34Page - STMicroelectronics STA328 Datasheet HTML 35Page - STMicroelectronics STA328 Datasheet HTML 36Page - STMicroelectronics STA328 Datasheet HTML 37Page - STMicroelectronics STA328 Datasheet HTML 38Page - STMicroelectronics STA328 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
35/41
STA328
8.6.17 Coefficient Write Control Register (Address 26h)
Coefficients for EQ, Mix and Scaling are handled internally in the STA328 via RAM. Access to this RAM
is available to the user via an I2C register interface. A collection of I2C registers are dedicated to this func-
tion. First register contains the coefficient base address, five sets of three registers store the values of the
24-bit coefficients to be written or that were read, and one contains bits used to control the read or write
of the coefficient (s) to RAM. The following are instructions for reading and writing coefficients.
8.7 Reading a coefficient from RAM
write 8-bits of address to I
2C register 16h
write ‘1’ to bit R1 (D2) of I
2C register 26h
read top 8-bits of coefficient in I
2C address 17h
read middle 8-bits of coefficient in I
2C address 18h
read bottom 8-bits of coefficient in I
2C address 19h
8.8 Reading a set of coefficients from RAM
write 8-bits of address to I
2C register 16h
write ‘1’ to bit RA (D3) of I
2C register 26h
read top 8-bits of coefficient in I
2C address 17h
read middle 8-bits of coefficient in I
2C address 18h
read bottom 8-bits of coefficient in I
2C address 19h
read top 8-bits of coefficient b2 in I
2C address 1Ah
read middle 8-bits of coefficient b2 in I
2C address 1Bh
read bottom 8-bits of coefficient b2 in I
2C address 1Ch
read top 8-bits of coefficient a1 in I
2C address 1Dh
read middle 8-bits of coefficient a1 in I
2C address 1Eh
read bottom 8-bits of coefficient a1 in I
2C address 1Fh
read top 8-bits of coefficient a2 in I
2C address 20h
read middle 8-bits of coefficient a2 in I
2C address 21h
read bottom 8-bits of coefficient a2 in I
2C address 22h
read top 8-bits of coefficient b0 in I
2C address 23h
read middle 8-bits of coefficient b0 in I
2C address 24h
read bottom 8-bits of coefficient b0 in I
2C address 25h
8.9 Writing a single coefficient to RAM
write 8-bits of address to I
2C register 16h
write top 8-bits of coefficient in I
2C address 17h
write middle 8-bits of coefficient in I
2C address 18h
write bottom 8-bits of coefficient in I
2C address 19h
write 1 to W1 bit in I
2C address 26h
D7
D6
D5
D4
D3
D2
D1
D0
RA
R1
WA
W1
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com