Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA328 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA328
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 5 Page - STMicroelectronics

  STA328 Datasheet HTML 1Page - STMicroelectronics STA328 Datasheet HTML 2Page - STMicroelectronics STA328 Datasheet HTML 3Page - STMicroelectronics STA328 Datasheet HTML 4Page - STMicroelectronics STA328 Datasheet HTML 5Page - STMicroelectronics STA328 Datasheet HTML 6Page - STMicroelectronics STA328 Datasheet HTML 7Page - STMicroelectronics STA328 Datasheet HTML 8Page - STMicroelectronics STA328 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5/41
STA328
Table 2. Pin Description
PIN
TYPE
NAME
DESCRIPTION
1N.C.
N.C.
2N.C.
N.C.
3
O
OUT2B
Output half bridge 2B
4
I/O
VCC2B
Positive supply
5N.C.
N.C.
6
I/O
GND2B
Negative Supply
7
I/O
GND2A
Negative Supply
8
I/O
VCC2A
Positive supply
9
O
OUT2A
Output half bridge 2A
10
O
OUT1B
Output half bridge 1B
11
I/O
VCC1B
Positive supply
12
I/O
GND1B
Negative Supply
13
I/O.
GND1A
Negative Supply
14
N.C.
N.C.
15
I/O
VCC1A
Positive supply
16
O
OUT1A
Output half bridge 1A
17
I/O
GNDCLEAN
Logical ground
18
I/O
GNDREG
Substrate ground
19
I/O
VDD DIGITAL
Logic Supply
20
I/O
VL
Logic Supply
21
I
CONFIG
Logic Levels
22
I
RESET
Reset
23
I
SCL
I²C Serial Clock
24
I/O
SDA
I²C Serial Data
25
RES
Reserved
This pin must be connected to GND
26
I
PLL FILTER
Connection to PLL filter
27
I
XTI
PLL Input Clock
28
I/O
Analog Ground
Analog Ground
29
I/O
Analog Supply
Analog Supply 3.3
30
I
SDI_12
I²S Serial Data Channels 1 & 2
31
I/O
LRCKI
I²S Left/Right Clock,
32
I
BICKI
I²S Serial Clock
33
I/O
Digital Ground
Digital Ground
34
I/O
Digital Supply
Digital Supply 3.3V
35
I/O
VSS DIGITAL
5V Regulator referred to +Vcc
36
I/O
VCCDIGITAL
5V Regulator referred to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com