Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8113-RNG+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS8113-RNG+
Description  Smart Card Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8113-RNG+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS8113-RNG+ Datasheet HTML 6Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 7Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 8Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 9Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 10Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 11Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 12Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 13Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
If the card is in the reader (if PRES is active), the host
microcontroller can begin an activation sequence (start
a card session) by pulling
CMDVCC low. The following
events form an activation sequence (Figure 3):
1) CMDVCC is pulled low.
2) The internal oscillator changes to high frequency (t0).
3) The voltage generator is started (between t0 and t1).
4) VCC rises from 0 to 5V, 3V, or 1.8V with a con-
trolled slope (t2 = t1 + 1.5
× T). T is 64 times the
internal oscillator period (approximately 25µs).
5) I/O, AUX1, and AUX2 are enabled (t3 = t1 + 4T)
(they were previously pulled low).
6) The CLK signal is applied to the C3 contact (t4).
7) RST is enabled (t5 = t1 + 7T).
To apply the clock to the card interface:
1) Set RSTIN high.
2) Set
CMDVCC low.
3) Set RSTIN low between t3 and t5; CLK will now start.
4) RST stays low until t5, then RST becomes the copy
of RSTIN.
5) RSTIN has no further effect on CLK after t5.
If the applied clock is not needed, set CMDVCC low
with RSTIN low. In this case, CLK starts at t3 (minimum
200ns after the transition on I/O, see Figure 4); after t5,
RSTIN can be set high to obtain an answer to request
(ATR) from an inserted smart card. Do not perform acti-
vation with RSTIN held permanently high.
Active Mode
When the activation sequence is completed, the
DS8113 card interface is in active mode. The host
microcontroller and the smart card exchange data on
the I/O lines.
Smart Card Interface
10
______________________________________________________________________________________
ATR
CMDVCC
RST
RSTIN
CLK
VCC
I/O
I/OIN
t0 t1
t2
t3
t4
t5 = tACT
Figure 3. Activation Sequence Using RSTIN and
CMDVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com