Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8113-RNG+ Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # DS8113-RNG+
Description  Smart Card Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8113-RNG+ Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button DS8113-RNG+ Datasheet HTML 9Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 10Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 11Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 12Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 13Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 14Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 15Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 16Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Smart Card Interface
16
______________________________________________________________________________________
Applications Information
Performance can be affected by the layout of the appli-
cation. For example, an additional cross-capacitance of
1pF between card reader contacts C2 (RST) and C3
(CLK) or C2 (RST) and C7 (I/O) can cause contact C2
to be polluted with high-frequency noise from C3 (or
C7). In this case, include a 100pF capacitor between
contacts C2 and CGND.
Application recommendations include the following:
Ensure there is ample ground area around the
DS8113 and the connector; place the DS8113
very near to the connector; decouple the VDD and
VDDA lines separately. These lines are best posi-
tioned under the connector, connected in a star on
the main trace.
The DS8113 and the host microcontroller must use
the same VDD supply. Pins CLKDIV1, CLKDIV2,
RSTIN, PRES, AUX1IN, I/OIN, AUX2IN, 5V/
3V,
1_8V, CMDVCC, and OFF are referenced to VDD;
if pin XTAL1 is to be driven by an external clock,
also reference this pin to VDD.
Trace C3 (CLK) should be placed as far as possi-
ble from the other traces.
The trace connecting CGND to C5 (GND) should
be straight (the two capacitors on C1 (VCC)
should be connected to this ground trace).
Avoid ground loops among CGND, PGND, and
GND.
With all these layout precautions, noise should be kept
to an acceptable level and jitter on C3 (CLK) should be
less than 100ps. Reference layouts, designs, and an
evaluation kit are available on request.
Package Information
(For the latest package outline information, go to
www.maxim-ic.com/packages.)
PACKAGE TYPE
DOCUMENT NO.
28 SO (300 mils)
21-0042
Selector Guide
Note: Contact the factory for availability of other variants and
package options.
+Denotes a lead-free package.
PART
LOW STOP-
MODE POWER
LOW ACTIVE-
MODE POWER
PIN-
PACKAGE
DS8113-RNG+
Yes
Yes
28 SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com