Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8113-RNG+ Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # DS8113-RNG+
Description  Smart Card Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8113-RNG+ Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button DS8113-RNG+ Datasheet HTML 8Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 9Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 10Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 11Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 12Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 13Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 14Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 15Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Deactivation Sequence
When a session is completed, the host microcontroller
sets the CMDVCC line high to execute an automatic
deactivation sequence and returns the card interface to
the inactive mode (Figure 5).
1) RST goes low (t10).
2) CLK is held low (t12 = t10 + 0.5
× T) where T is 64
times the period of the internal oscillator (approxi-
mately 25µs).
3) I/O, AUX1, and AUX2 are pulled low (t13 = t10 + T).
4) VCC starts to fall (t14 = t10 + 1.5
× T).
5) When VCC reaches its inactive state, the deactiva-
tion sequence is complete (at tDE).
6) All card contacts become low impedance to GND;
I/OIN, AUX1IN, and AUX2IN remain at VDD (pulled
up through an 11k
Ω resistor).
7) The internal oscillator returns to its lower frequency.
VCC Generator
The VCC generator has a capacity to supply up to
80mA continuously at 5V, 65mA at 3V, and 30mA at
1.8V. An internal overload detector triggers at approxi-
mately 120mA. Current samples to the detector are fil-
tered. This allows spurious current pulses (with a
duration of a few µs) up to 200mA to be drawn without
causing deactivation. The average current must stay
below the specified maximum current value. To main-
tain VCC voltage accuracy, a 100nF capacitor (with an
ESR < 100m
Ω) should be connected to CGND and
placed near the DS8113’s VCC pin, and a 100nF or
220nF capacitor (220nF is the best choice) with the
same ESR should be connected to CGND and placed
near the smart card reader’s C1 contact.
Fault Detection
The following fault conditions are monitored:
Short-circuit or high current on VCC
Removal of a card during a transaction
•VDD dropping
Card voltage generator operating out of the speci-
fied values (VDDA too low or current consumption
too high)
Overheating
There are two different cases (Figure 6):
CMDVCC High Outside a Card Session. Output
OFF is low if a card is not in the card reader and
high if a card is in the reader. The VDD supply is
monitored—a decrease in input voltage generates
an internal power-on reset pulse but does not
affect the
OFF signal. Short-circuit and tempera-
ture detection is disabled because the card is not
powered up.
CMDVCC Low Within a Card Session. Output
OFF goes low when a fault condition is detected,
and an emergency deactivation is performed auto-
matically (Figure 7). When the system controller
resets CMDVCC to high, it may sense the OFF
level again after completing the deactivation
sequence. This distinguishes between a card
extraction and a hardware problem (OFF goes high
again if a card is present). Depending on the con-
nector’s card-present switch (normally closed or
normally open) and the mechanical characteristics
of the switch, bouncing can occur on the PRES sig-
nals at card insertion or withdrawal.
The DS8113 has a debounce feature with an 8ms typi-
cal duration (Figure 6). When a card is inserted, output
OFF goes high after the debounce time delay. When
the card is extracted, an automatic deactivation
sequence of the card is performed on the first true/false
transition on PRES and output OFF goes low.
Smart Card Interface
12
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com