Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8113-RNG+ Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS8113-RNG+
Description  Smart Card Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8113-RNG+ Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS8113-RNG+ Datasheet HTML 9Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 10Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 11Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 12Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 13Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 14Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 15Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 16Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Stop Mode (Low-Power Mode)
A low-power state, stop mode, can be entered by forc-
ing the CMDVCC, 5V/3V, and 1_8V input pins to a
logic-high state. Stop mode can only be entered when
the smart card interface is inactive. In stop mode all
internal analog circuits are disabled. The OFF pin fol-
lows the status of the PRES pin. To exit stop mode,
change the state of one or more of the three control
pins to a logic-low. An internal 220µs (typ) power-up
delay and the 8ms PRES debounce delay are in effect
and
OFF is asserted to allow the internal circuitry to sta-
bilize. This prevents smart card access from occurring
after leaving the stop mode. Figure 8 shows the control
sequence for entering and exiting stop mode. Note that
an in-progress deactivation sequence always finishes
before the DS8113 enters low-power stop mode.
Smart Card Interface
14
______________________________________________________________________________________
CMDVCC
1_8V
5V/3V
STOP MODE
OFF
PRES
VCC
DEACTIVATE INTERFACE
ACTIVATE
STOP MODE
DEACTIVATE
STOP MODE
220
µs DELAY
OFF FOLLOWS
PRES IN STOP MODE
OFF ASSERTED TO
WAIT FOR DELAY
8ms DEBOUNCE
Figure 8. Stop-Mode Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com