Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8113-RNG+ Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # DS8113-RNG+
Description  Smart Card Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8113-RNG+ Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button DS8113-RNG+ Datasheet HTML 9Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 10Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 11Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 12Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 13Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 14Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 15Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 16Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Smart Card Power Select
The DS8113 supports three smart card VCC voltages:
1.8V, 3V, and 5V. The power select is controlled by the
1_8V and 5V/3V signals as shown in Table 3. The 1_8V
signal has priority over 5V/3V. When 1_8V is asserted
high, 1.8V is applied to VCC when the smart card is
active. When 1_8V is deasserted, 5V/3V dictates VCC
power range. VCC is 5V if 5V/3V is asserted to a logic-
high state, and VCC is 3V if 5V/3V is pulled to a
logic-low state. Care must be exercised when switching
from one VCC power selection to the other. If both 1_8V
and 5V/
3V are high with CMDVCC high at the same
time, the DS8113 enters stop mode. To avoid acciden-
tal entry into stop mode, the state of 1_8V and 5V/3V
must not be changed simultaneously. A minimum delay
of 100ns should be observed between changing the
states of 1_8V and 5V/3V. See Figure 9 for the recom-
mended sequence of changing the VCC range.
Smart Card Interface
______________________________________________________________________________________
15
VCC SELECT
STOP MODE
1.8V
1.8V
3V3V
5V
1_8V
5V/3V
CMDVCC
Figure 9. Smart Card Power Select
Table 3. VCC Select and Operation Mode
1_8V
5V/3V
CMDVCC
VCC SELECT (V)
CARD INTERFACE STATUS
0
0
0
3
Activated
0
0
1
3
Inactivated
0
1
0
5
Activated
0
1
1
5
Inactivated
1
0
0
1.8
Activated
1
0
1
1.8
Inactivated
1
1
0
1.8
Reserved (Activated)
1
1
1
1.8
Not Applicable—Stop Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com