Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH24 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LNBH24
Description  Dual LNB supply and control IC with step-up and I2C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LNBH24 Datasheet HTML 5Page - STMicroelectronics LNBH24 Datasheet HTML 6Page - STMicroelectronics LNBH24 Datasheet HTML 7Page - STMicroelectronics LNBH24 Datasheet HTML 8Page - STMicroelectronics LNBH24 Datasheet HTML 9Page - STMicroelectronics LNBH24 Datasheet HTML 10Page - STMicroelectronics LNBH24 Datasheet HTML 11Page - STMicroelectronics LNBH24 Datasheet HTML 12Page - STMicroelectronics LNBH24 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LNBH24
Pin configuration
9/30
3
Pin configuration
Figure 3.
Pin connections
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A-GND
DSQIN-B
TTX-B
DSQOUT-B
ADDR-B
NC
LX-B
P-GND-B
P-GND-A
LX-A
SDA
DETIN-B
SCL
ADDR-A
15
16
17
18
DSQOUT-A
DSQIN-A
DETIN-A
TTX-A
32
31
30
29
28
27
26
25
24
23
EXTM-B
VUP-B
VCTRL-B
VOTX-B
VORX-B
A-GND
VCC
VCC-L
BYP
VORX-A
36
VOTX-A
35
ISEL-B
NC
34
NC
33
22
21
20
19
VUP-A
ISEL-A
VCTRL-A
EXTM-A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A-GND
DSQIN-B
TTX-B
DSQOUT-B
ADDR-B
NC
LX-B
P-GND-B
P-GND-A
LX-A
SDA
DETIN-B
SCL
ADDR-A
15
16
17
18
DSQOUT-A
DSQIN-A
DETIN-A
TTX-A
32
31
30
29
28
27
26
25
24
23
EXTM-B
VUP-B
VCTRL-B
VOTX-B
VORX-B
A-GND
VCC
VCC-L
BYP
VORX-A
36
VOTX-A
35
ISEL-B
NC
34
NC
33
22
21
20
19
VUP-A
ISEL-A
VCTRL-A
EXTM-A
Table 2.
Pin description
Pin n°
(sec. A/B)
Symbol
Name
Function
29
VCC
Supply input
8 to 15 V IC DC-DC power supply.
28
VCC–L
Supply input
8 to 15 V analog power supply.
11
LX-A
N-MOS Drain
Integrated N-Channel power MOSFETs drain.
8LX-B
22
VUP-A
Step-Up voltage
Input of the linear post-regulators. The voltage on these pins is
monitored by the internal step-up controllers to keep a
minimum dropout across the linear pass transistors.
33
VUP-B
26
VoRX-A
LDO output port
Outputs of the linear post-regulators. See Table 6 for voltage
selections and description.
31
VoRX-B
25
VoTX-A
Output port during
22 kHz Tone TX
TX Outputs to the LNB. See Table 6 for selection.
32
VoTX-B
12
SDA
Serial data
Bi-directional data from / to I2C BUS.
13
SCL
Serial clock
Clock from I2C BUS.
16
DSQIN-A
DiSEqC inputs
These pins will accept the DiSEqC code from the main
microcontroller. The LNBH24 will uses this code to modulate
the internally-generated 22 kHz carrier. Set to ground if not
used.
4DSQIN-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com