Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH24 Datasheet(PDF) 23 Page - STMicroelectronics

Part # LNBH24
Description  Dual LNB supply and control IC with step-up and I2C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LNBH24 Datasheet HTML 19Page - STMicroelectronics LNBH24 Datasheet HTML 20Page - STMicroelectronics LNBH24 Datasheet HTML 21Page - STMicroelectronics LNBH24 Datasheet HTML 22Page - STMicroelectronics LNBH24 Datasheet HTML 23Page - STMicroelectronics LNBH24 Datasheet HTML 24Page - STMicroelectronics LNBH24 Datasheet HTML 25Page - STMicroelectronics LNBH24 Datasheet HTML 26Page - STMicroelectronics LNBH24 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LNBH24
Typical performance characteristics
23/30
9
Typical performance characteristics
(refer to the typical application circuit in Figure 4, TJ from 0 to 85 °C, EN=1,
VSEL=LLC=TEN=PCL=ITEST=TTX=AUX=0, RSEL = 11 kΩ, DSQIN=LOW, VI = 12 V, IOUT =
50 mA, unless otherwise stated. Typical values are referred to TJ = 25 °C, VOUT=VoRX)
Figure 8.
Output voltage vs temperature
Figure 9.
Output voltage vs temperature
Figure 10.
Output voltage vs temperature
Figure 11.
Output voltage vs temperature
Figure 12.
Load regulation vs temperature
Figure 13.
Supply current vs temperature
EN=1, VSEL=LLC=0
12.6
12.8
13
13.2
13.4
13.6
13.8
14
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC=12 V
I
OUT=50 mA
V
OUT=13 V range
EN=1, VSEL=LLC=0
12.6
12.8
13
13.2
13.4
13.6
13.8
14
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC=12 V
I
OUT=50 mA
V
OUT=13 V range
EN=LLC=1, VSEL=0
13.6
13.8
14
14.2
14.4
14.6
14.8
15
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC=12 V
I
OUT=50 mA
V
OUT=14 V range
EN=LLC=1, VSEL=0
13.6
13.8
14
14.2
14.4
14.6
14.8
15
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC=12 V
I
OUT=50 mA
V
OUT=14 V range
EN=VSEL=1, LLC=0
17.8
18
18.2
18.4
18.6
18.8
19
19.2
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC=12 V
I
OUT=50 mA
V
OUT=18 V range
EN=VSEL=1, LLC=0
17.8
18
18.2
18.4
18.6
18.8
19
19.2
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC=12 V
I
OUT=50 mA
V
OUT=18 V range
EN=VSEL=LLC=1
18.5
18.7
18.9
19.1
19.3
19.5
19.7
19.9
20.1
20.3
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC=12 V
I
OUT=50 mA
V
OUT=19.5 V range
EN=VSEL=LLC=1
18.5
18.7
18.9
19.1
19.3
19.5
19.7
19.9
20.1
20.3
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC=12 V
I
OUT=50 mA
V
OUT=19.5 V range
V
CC =12 V, IOUT = from 50 to 750 mA
-160
-140
-120
-100
-80
-60
-40
-20
0
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC =12 V, IOUT = from 50 to 750 mA
-160
-140
-120
-100
-80
-60
-40
-20
0
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
Both Sections Enabled with EN=LLC=VSEL=1, TEN=TTX=0
V
CC=12V, IOUT=No Load
0
5
10
15
20
25
30
35
40
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
Both Sections Enabled with EN=LLC=VSEL=1, TEN=TTX=0
V
CC=12V, IOUT=No Load
0
5
10
15
20
25
30
35
40
-10
0
10
20
30
40
50
60
70
80
90
T [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com