Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH24 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LNBH24
Description  Dual LNB supply and control IC with step-up and I2C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LNBH24 Datasheet HTML 8Page - STMicroelectronics LNBH24 Datasheet HTML 9Page - STMicroelectronics LNBH24 Datasheet HTML 10Page - STMicroelectronics LNBH24 Datasheet HTML 11Page - STMicroelectronics LNBH24 Datasheet HTML 12Page - STMicroelectronics LNBH24 Datasheet HTML 13Page - STMicroelectronics LNBH24 Datasheet HTML 14Page - STMicroelectronics LNBH24 Datasheet HTML 15Page - STMicroelectronics LNBH24 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Application circuit
LNBH24
12/30
5
Application circuit
Figure 4.
Typical application circuit
C6b
Bead
29
28
220
µH
DETIN-B
VoRX-A
25
C9b 10
µF
N
B
H
2
4
L
Rsel-B
10nF
C12b
C12a
R3b 10K
R3a 10K
D4b
1N5818
C1
C2
100nF
C7
10nF
L2b
220nF
C10a
BAT43
D2a
C10b
220nF
33
12
13
8
34
21
11
22
32
31
3
2
5
4
18
15
16
17
26
VoTX-A
20
VCTRL-A
19
EXTM-A
35
VCTRL-B
36
EXTM-B
6
9
P-GND-B
10
P-GND-A
ADDR-B
ISEL-A
ISEL-B
LX-A
V
UP-A
V
CC-L
V
CC
LX-B
SCL
SDA
V
UP-B
TTX-B
DSQOUT-B
DSQIN-B
DSQOUT-A
DSQIN-A
DETIN-A
TTX-A
Rsel-A
11K
11K
470nF
C6b
L2a
STPS130A
D1a
22
µH
L1a
22
µH
L1b
STPS130A
D1b
C4b
470nF
C3b
100
µF
470nF
100
µF
C5b
Ferrite
Bead
220nF
C8
100nF
100
µF
R1
100
D4a
1N5818
C9a 10
µF
L3a
15
R4a
I2C
27
BYP
C11
1-30
A-GND
14
ADDR-A
470nF
C4a
100
µF
C3a
Ferrite
100
µF
C5b
VoRX-B
VoTX-B
220
µH
L3b
D2b
BAT43
15
R4b
470nF
D3b
1N4007
D3a
1N4007
C13a 10nF
C13b 10nF
LNBOUT_A
VIN
+12V
LNBOUT_B
C6b
Bead
29
28
220
µH
DETIN-B
VoRX-A
25
C9b 10
µF
N
B
H
2
4
L
Rsel-B
10nF
C12b
C12a
R3b 10K
R3a 10K
D4b
1N5818
C1
C2
100nF
C7
10nF
L2b
220nF
C10a
BAT43
D2a
C10b
220nF
33
12
13
8
34
21
11
22
32
31
3
2
5
4
18
15
16
17
26
VoTX-A
20
VCTRL-A
19
EXTM-A
35
VCTRL-B
36
EXTM-B
6
9
P-GND-B
10
P-GND-A
ADDR-B
ISEL-A
ISEL-B
LX-A
V
UP-A
V
CC-L
V
CC
LX-B
SCL
SDA
V
UP-B
TTX-B
DSQOUT-B
DSQIN-B
DSQOUT-A
DSQIN-A
DETIN-A
TTX-A
Rsel-A
11K
11K
470nF
C6b
L2a
STPS130A
D1a
22
µH
L1a
22
µH
L1b
STPS130A
D1b
C4b
470nF
C3b
100
µF
470nF
100
µF
C5b
Ferrite
Bead
220nF
C8
100nF
100
µF
R1
100
D4a
1N5818
C9a 10
µF
L3a
15
R4a
I2C
27
BYP
C11
1-30
A-GND
14
ADDR-A
470nF
C4a
100
µF
C3a
Ferrite
100
µF
C5b
VoRX-B
VoTX-B
220
µH
L3b
D2b
BAT43
15
R4b
470nF
D3b
1N4007
D3a
1N4007
C13a 10nF
C13b 10nF
LNBOUT_A
VIN
+12V
LNBOUT_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com