Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH24 Datasheet(PDF) 28 Page - STMicroelectronics

Part # LNBH24
Description  Dual LNB supply and control IC with step-up and I2C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LNBH24 Datasheet HTML 22Page - STMicroelectronics LNBH24 Datasheet HTML 23Page - STMicroelectronics LNBH24 Datasheet HTML 24Page - STMicroelectronics LNBH24 Datasheet HTML 25Page - STMicroelectronics LNBH24 Datasheet HTML 26Page - STMicroelectronics LNBH24 Datasheet HTML 27Page - STMicroelectronics LNBH24 Datasheet HTML 28Page - STMicroelectronics LNBH24 Datasheet HTML 29Page - STMicroelectronics LNBH24 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Package mechanical data
LNBH24
28/30
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.15
2.47
0.085
0.097
A2
2.15
2.40
0.085
0.094
a1
0
0.075
0
0.003
b
0.18
0.36
0.007
0.014
c0.23
0.32
0.009
0.013
D
10.10
10.50
0.398
0.413
E
7.4
7.6
0.291
0.299
e
0.5
0.020
e38.5
0.335
F2.3
0.091
G
0.075
0.003
G1
0.06
0.002
H
10.1
10.5
0.398
0.413
h
0.4
0.016
L
0.55
0.85
0.022
0.033
M4.3
0.169
N
10°
10°
O
1.2
0.047
Q0.8
0.031
S
2.9
0.114
T
3.65
0.144
U
1.0
0.039
PowerSSO-36 mechanical data
7655059
(1) “D and E” do not include mold flash or protusions - Mold flash or protusions shall not exceed 0.15mm (0.006”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com