Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH24 Datasheet(PDF) 24 Page - STMicroelectronics

Part # LNBH24
Description  Dual LNB supply and control IC with step-up and I2C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LNBH24 Datasheet HTML 20Page - STMicroelectronics LNBH24 Datasheet HTML 21Page - STMicroelectronics LNBH24 Datasheet HTML 22Page - STMicroelectronics LNBH24 Datasheet HTML 23Page - STMicroelectronics LNBH24 Datasheet HTML 24Page - STMicroelectronics LNBH24 Datasheet HTML 25Page - STMicroelectronics LNBH24 Datasheet HTML 26Page - STMicroelectronics LNBH24 Datasheet HTML 27Page - STMicroelectronics LNBH24 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Typical performance characteristics
LNBH24
24/30
Figure 14.
Supply current vs temperature
Figure 15.
Supply current vs temperature ON
time vs temperature
Figure 16.
Dynamic overload protection OFF
time vs temperature
Figure 17.
Output current limiting vs RSEL
Figure 18.
Output current limiting vs
temperature
Figure 19.
Output current limiting vs
temperature
Both Sections Enabled with EN=TEN=TTX=LLC=VSEL=1
V
CC=12 V, IOUT=No Load
0
10
20
30
40
50
60
70
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
Both Sections Enabled with EN=TEN=TTX=LLC=VSEL=1
V
CC=12 V, IOUT=No Load
0
10
20
30
40
50
60
70
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V, VOUT = Shorted to GND
40
50
60
70
80
90
100
110
120
130
140
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V, VOUT = Shorted to GND
40
50
60
70
80
90
100
110
120
130
140
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V, VOUT = Shorted to GND
400
500
600
700
800
900
1000
1100
1200
1300
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V, VOUT = Shorted to GND
400
500
600
700
800
900
1000
1100
1200
1300
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
10
12
14
16
18
20
22
24
26
28
30
32
R
SEL [kOhm]
V
CC = 12 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
10
12
14
16
18
20
22
24
26
28
30
32
R
SEL [kOhm]
V
CC = 12 V, RSEL = 11 kohm
750
800
850
900
950
1000
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V, RSEL = 11 kohm
750
800
850
900
950
1000
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC =12 V, RSEL = 22 Kohm
300
350
400
450
500
550
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC =12 V, RSEL = 22 Kohm
300
350
400
450
500
550
-10
0
10
20
30
40
50
60
70
80
90
T [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com