Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH24 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LNBH24
Description  Dual LNB supply and control IC with step-up and I2C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LNBH24 Datasheet HTML 21Page - STMicroelectronics LNBH24 Datasheet HTML 22Page - STMicroelectronics LNBH24 Datasheet HTML 23Page - STMicroelectronics LNBH24 Datasheet HTML 24Page - STMicroelectronics LNBH24 Datasheet HTML 25Page - STMicroelectronics LNBH24 Datasheet HTML 26Page - STMicroelectronics LNBH24 Datasheet HTML 27Page - STMicroelectronics LNBH24 Datasheet HTML 28Page - STMicroelectronics LNBH24 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LNBH24
Typical performance characteristics
25/30
Figure 20.
Tone frequency vs temperature
Figure 21.
Tone amplitude vs temperature
Figure 22.
Tone duty cycle vs temperature
Figure 23.
Tone rise time vs temperature
Figure 24.
Tone fall time vs temperature
Figure 25.
Output backward current vs
temperature
V
CC = 12 V, IOUT = 50 mA
EN=TEN=TTX=1
16
18
20
22
24
26
28
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V, IOUT = 50 mA
EN=TEN=TTX=1
16
18
20
22
24
26
28
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
EN=TEN=TTX=1
V
CC = 12 V, IOUT = 50 mA
400
500
600
700
800
900
1000
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
EN=TEN=TTX=1
V
CC = 12 V, IOUT = 50 mA
400
500
600
700
800
900
1000
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V, IOUT = 50 mA
EN=TEN=TTX=1
45
46
47
48
49
50
51
52
53
54
55
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V, IOUT = 50 mA
EN=TEN=TTX=1
45
46
47
48
49
50
51
52
53
54
55
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V, IOUT = 50 mA
EN=TEN=TTX=1
4
5
6
7
8
9
10
11
12
13
14
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V, IOUT = 50 mA
EN=TEN=TTX=1
4
5
6
7
8
9
10
11
12
13
14
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V, IOUT = 50 mA
EN=TEN=TTX=1
4
5
6
7
8
9
10
11
12
13
14
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V, IOUT = 50 mA
EN=TEN=TTX=1
4
5
6
7
8
9
10
11
12
13
14
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V, VOBK = 21 V externally forced
EN=0
-4
-3
-2
-1
0
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V, VOBK = 21 V externally forced
EN=0
-4
-3
-2
-1
0
-10
0
10
20
30
40
50
60
70
80
90
T [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com