Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF011 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button AT25DF011 Datasheet HTML 34Page - Renesas Technology Corp AT25DF011 Datasheet HTML 35Page - Renesas Technology Corp AT25DF011 Datasheet HTML 36Page - Renesas Technology Corp AT25DF011 Datasheet HTML 37Page - Renesas Technology Corp AT25DF011 Datasheet HTML 38Page - Renesas Technology Corp AT25DF011 Datasheet HTML 39Page - Renesas Technology Corp AT25DF011 Datasheet HTML 40Page - Renesas Technology Corp AT25DF011 Datasheet HTML 41Page - Renesas Technology Corp AT25DF011 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
DS-AT25DF011-032 Rev. J
Page 38
2023-11-14
© 2023 Renesas Electronics
AT25DF011 Datasheet
13.5 AC Characteristics for -40 °C to +85 °C
1. Not 100% tested (value guaranteed by design and characterization).
2. Only applicable as a constraint for the Write Status Register command when BPL = 1.
Symbol
Parameter
1.65 V to 3.6 V
2.3 V to 3.6 V
Units
Min
Typ
Max
Min
Typ
Max
fCLK
Maximum Clock Frequency for All Operations
except 03h and 3Bh Opcodes
104
104
MHz
fRDLF
Maximum Clock Frequency for 03h Opcode
(Read Array – Low Frequency)
33
33
MHz
fRDDO
Maximum Clock Frequency for 3B Opcode
50
50
MHz
tCLKH
Clock High Time
4
4
ns
tCLKL
Clock Low Time
4
4
ns
tCLKR 1
Clock Rise Time, Peak-to-Peak (Slew Rate)
0.1
0.1
V/ns
tCLKF 1
Clock Fall Time, Peak-to-Peak (Slew Rate)
0.1
0.1
V/ns
tCSH
Chip Select High Time
35
25
ns
tCSLS
Chip Select Low Setup Time (relative to Clock)
6
6
ns
tCSLH
Chip Select Low Hold Time (relative to Clock)
6
6
ns
tCSHS
Chip Select High Setup Time (relative to Clock)
6
6
ns
tCSHH
Chip Select High Hold Time (relative to Clock)
6
6
ns
tDS
Data In Setup Time
2
2
ns
tDH
Data In Hold Time
1
1
ns
tDIS 1
Output Disable Time
8
6
ns
tV
Output Valid Time
8
6
ns
tOH
Output Hold Time
0
0
ns
tHLS
HOLD Low Setup Time (relative to Clock)
6
5
ns
tHLH
HOLD Low Hold Time (relative to Clock)
6
5
ns
tHHS
HOLD High Setup Time (relative to Clock)
6
5
ns
tHHH
HOLD High Hold Time (relative to Clock)
6
5
ns
tHLQZ 1
HOLD Low to Output High-Z
7
6
ns
tHHQX 1
HOLD High to Output Low-Z
7
6
ns
tWPS 1,2
Write Protect Setup Time
20
20
ns
tWPH 1,2
Write Protect Hold Time
100
100
ns
tEDPD 1
Chip Select High to Deep Power-Down
2
2
µs
tEUDPD.
Chip Select High to Ultra-Deep Power-Down
3
3
µs
tSWRST
Software Reset Time
60
60
µs
tCSLU
Minimum Chip Select Low to Exit Ultra-Deep Power-Down
20
20
ns
tXUDPD
Exit Ultra-Deep Power-Down Time
70
70
µs
tRDPD 1
Chip Select High to Standby Mode
8
8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com