Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF011 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button AT25DF011 Datasheet HTML 19Page - Renesas Technology Corp AT25DF011 Datasheet HTML 20Page - Renesas Technology Corp AT25DF011 Datasheet HTML 21Page - Renesas Technology Corp AT25DF011 Datasheet HTML 22Page - Renesas Technology Corp AT25DF011 Datasheet HTML 23Page - Renesas Technology Corp AT25DF011 Datasheet HTML 24Page - Renesas Technology Corp AT25DF011 Datasheet HTML 25Page - Renesas Technology Corp AT25DF011 Datasheet HTML 26Page - Renesas Technology Corp AT25DF011 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
DS-AT25DF011-032 Rev. J
Page 23
2023-11-14
© 2023 Renesas Electronics
AT25DF011 Datasheet
11. Status Register Commands
11.1 Read Status Register
The Status Register can be read to determine the device’s ready/busy status, as well as the status of many other
functions such as Hardware Locking and Block Protection. The Status Register can be read at any time, including
during an internally self-timed program or erase operation.The Status Register consists of two bytes.
To read the Status Register, the CS pin must first be asserted and the opcode of 05h must be clocked into the
device. After the opcode has been clocked in, the device begins outputting Status Register data on the SO pin
during every subsequent clock cycle. After the last bit (bit 0) of Status Register Byte 1 has been clocked out, the
first bit (bit 7) of Status Register Byte 2 is clocked out. After the last bit (bit 0) of Status Register Byte 2 has been
clocked out, the sequence repeats itself, starting again with bit 7 of Status Register Byte 1, as long as the CS pin
remains asserted and the clock pin is being pulsed. The data in the Status Register is constantly being updated,
so each repeating sequence outputs new data.
Deasserting the CS pin stops the Read Status Register operation and puts the SO pin into a high-impedance
state. The CS pin can be deasserted at any time and does not require that a full byte of data be read.
1. Only bits 7 and 2 of the Status Register can be modified when using the Write Status Register command.
2. R/W = Readable and writable; R = Readable only.
11.1.1
BPL Bit
The BPL bit is used to control whether the Block Protection (BP0) bit can be modified or not. When the BPL bit is
in the logical 1 state and the WP pin is asserted, the BP0 bit is locked and cannot be modified. The memory array
is locked in the current protected or unprotected state.
When the BPL bit is in the logical 0 state, the BP0 bit is unlocked and can be modified. The BPL bit defaults to the
logical 0 state after device power-up.
The BPL bit can be modified freely whenever the WP pin is deasserted. However, if the WP pin is asserted, then
the BPL bit can only be changed from a logical 0 (BP0 bit unlocked) to a logical 1 (BP0 bit locked). In order to
reset the BPL bit to a logical 0 using the Write Status Register command, the WP pin first must be deasserted.
The BPL and BP0 bits are the only bits of the Status Register that can be user modified via the Write Status
Register command.
Table 6. Status Register Format
Bit 1
Name
Type 2
Description
7BPL
Block Protection Locked
R/W
0
BP0 bit unlocked (default).
1
BP0 bit locked in current state when WP asserted.
6
RES
Reserved for future use
R
0
Reserved for future use.
5EPE
Erase/Program Error
R
0
Erase or program operation was successful.
1
Erase or program error detected.
4WPP
Write Protect (WP) Pin Status
R
0WP is asserted.
1WP is deasserted.
3
RES
Reserved for future use
R
0
Reserved for future use.
2BP0
Block Protection
R/W
0
Entire memory array is unprotected.
1
Entire memory array is protected.
1WEL
Write Enable Latch Status
R
0
Device is not write enabled (default).
1
Device is write enabled.
0RDY/BSY
Ready/Busy Status
R
0
Device is ready.
1
Device is busy with an internal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com