Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF011 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button AT25DF011 Datasheet HTML 36Page - Renesas Technology Corp AT25DF011 Datasheet HTML 37Page - Renesas Technology Corp AT25DF011 Datasheet HTML 38Page - Renesas Technology Corp AT25DF011 Datasheet HTML 39Page - Renesas Technology Corp AT25DF011 Datasheet HTML 40Page - Renesas Technology Corp AT25DF011 Datasheet HTML 41Page - Renesas Technology Corp AT25DF011 Datasheet HTML 42Page - Renesas Technology Corp AT25DF011 Datasheet HTML 43Page - Renesas Technology Corp AT25DF011 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
DS-AT25DF011-032 Rev. J
Page 40
2023-11-14
© 2023 Renesas Electronics
AT25DF011 Datasheet
1. Maximum values indicate worst-case performance after 100,000 erase/program cycles.
2. Not 100% tested (value guaranteed by design and characterization).
3. Program and Erase operations at -40 °C to -10 °C require a minimum of 1.7 V.
1. Maximum values indicate worst-case performance after 20,000 erase/program cycles.
2. Not 100% tested (value guaranteed by design and characterization).
13.7 Program and Erase Characteristics for -40 °C to +85 °C
Symbol
Parameter
1.65 V - 3.6 V 3
2.3 V - 3.6 V
Min
Typ
Max
Min
Typ
Max
Units
tPP 1
Page Program Time
256 Bytes
1.5
3.5
1.5
3.5
ms
tBP
Byte Program Time
12
8
µs
tPE
Page Erase Time
256 Bytes
6
25
6
25
ms
tBLKE 1
Block Erase Time
4 kBytes
50
75
50
60
ms
32 kBytes
350
600
300
400
tCHPE 1,2
Chip Erase Time
1400
2300
1200
1600
ms
tOTPP 1
OTP Security Register Program Time
400
950
400
950
µs
tWRSR 2
Write Status Register Time
20
40
20
40
ms
13.8 Program and Erase Characteristics for -40 °C to +125 °C
Symbol
Parameter
1.7 V - 3.6 V
2.3 V - 3.6 V
Min
Typ
Max
Min
Typ
Max
Units
tPP 1
Page Program Time
256 Bytes
1.8
7
1.8
5
ms
tBP
Byte Program Time
12
12
µs
tPE
Page Erase Time
256 Bytes
8
25
7
25
ms
tBLKE 1
Block Erase Time
4 kBytes
50
120
50
120
ms
32 kBytes
360
900
300
700
tCHPE 1,2
Chip Erase Time
1400
3600
1200
2500
ms
tOTPP 1
OTP Security Register Program Time
400
950
400
950
µs
tWRSR 2
Write Status Register Time
20
40
20
40
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com