Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF011 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button AT25DF011 Datasheet HTML 13Page - Renesas Technology Corp AT25DF011 Datasheet HTML 14Page - Renesas Technology Corp AT25DF011 Datasheet HTML 15Page - Renesas Technology Corp AT25DF011 Datasheet HTML 16Page - Renesas Technology Corp AT25DF011 Datasheet HTML 17Page - Renesas Technology Corp AT25DF011 Datasheet HTML 18Page - Renesas Technology Corp AT25DF011 Datasheet HTML 19Page - Renesas Technology Corp AT25DF011 Datasheet HTML 20Page - Renesas Technology Corp AT25DF011 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
DS-AT25DF011-032 Rev. J
Page 17
2023-11-14
© 2023 Renesas Electronics
AT25DF011 Datasheet
8.3
Block Erase
A block of 4 or 32 kBytes can be erased (all bits set to the logical 1 state) in a single operation by using one of
three different opcodes for the Block Erase command. An opcode of 20h is used for a 4-kByte erase, and an
opcode of 52h or D8h is used for a 32-kByte erase. Before a Block Erase command can be started, the Write
Enable command must have been previously issued to the device to set the WEL bit of the Status Register to a
logical 1 state.
To perform a Block Erase, the CS pin must first be asserted and the appropriate opcode (20h, 52h, or D8h) must
be clocked into the device. After the opcode has been clocked in, the three address bytes specifying an address
within the 4- or 32-kByte block to be erased must be clocked in. Any additional data clocked into the device are
ignored. When the CS pin is deasserted, the device erases the appropriate block. The erasing of the block is
internally self-timed and takes place in a time of tBLKE.
Since the Block Erase command erases a region of bytes, the lower order address bits do not need to be decoded
by the device. Thus, for a 4-kByte erase, address bits A11-A0 are ignored by the device, and their values can be
either a logical 1 or 0. For a 32-kByte erase, address bits A14-A0 are ignored by the device. Despite the lower
order address bits not being decoded by the device, the complete three address bytes must still be clocked into
the device before the CS pin is deasserted, and the CS pin must be deasserted on an even byte boundary
(multiples of eight bits); otherwise, the device stops the operation, and no erase operation is performed.
If the memory is in the protected state, then the Block Erase command is not executed, and the device returns to
the idle state once the CS pin has been deasserted.
The WEL bit in the Status Register is reset to the logical 0 state if the erase cycle stops due to an incomplete
address being sent, the CS pin being deasserted on uneven byte boundaries, or because a memory location
within the region to be erased is protected.
While the device is executing a successful erase cycle, the Status Register can be read and indicates that the
device is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the
tBLKE time to determine if the device has finished erasing. At some point before the erase cycle completes, the
WEL bit in the Status Register is reset to the logical 0 state.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error occurs, it is indicated by the EPE bit in the Status Register.
Figure 12. Block Erase
SCK
CS
SI
SO
MSB
MSB
23
1
0
CCCCCCCC
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
A
A
A
A
A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com