Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF011 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button AT25DF011 Datasheet HTML 16Page - Renesas Technology Corp AT25DF011 Datasheet HTML 17Page - Renesas Technology Corp AT25DF011 Datasheet HTML 18Page - Renesas Technology Corp AT25DF011 Datasheet HTML 19Page - Renesas Technology Corp AT25DF011 Datasheet HTML 20Page - Renesas Technology Corp AT25DF011 Datasheet HTML 21Page - Renesas Technology Corp AT25DF011 Datasheet HTML 22Page - Renesas Technology Corp AT25DF011 Datasheet HTML 23Page - Renesas Technology Corp AT25DF011 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
DS-AT25DF011-032 Rev. J
Page 20
2023-11-14
© 2023 Renesas Electronics
AT25DF011 Datasheet
9.3
Block Protection
The device can be software protected against erroneous or malicious program or erase operations by using the
Block Protection feature. Using the Write Status Register command to change the value of the Block Protection
(BP0) bit in the Status Register. Table 3 outlines the two states of the BP0 bit and the associated protection area.
When the BP0 bit of the Status Register is in the logical 1 state, the entire memory array is protected against
program or erase operations. Any attempts to send a Byte/Page Program command, a Block Erase command, or
a Chip Erase command are ignored by the device.
As a safeguard against accidental or erroneous protecting or unprotecting of the memory array, the BP0 bit itself
can be locked from updates by using the WP pin and the BPL (Block Protection Locked) bit of the Status Register
(see Section 9.4, Protected States and the Write Protect Pin, for more details).
The BP0 bit of the Status Register is a nonvolatile bit; thus, the BP0 bit retains its state even after the device has
been power-cycled. Ensure that BP0 is in the logical 1 state before powering down for those applications that want
the memory array fully protected on power-up. The default state for BP0 when shipped is 0.
9.4
Protected States and the Write Protect Pin
The WP pin is not linked to the memory array itself and has no direct effect on the protection status of the memory
array. Instead, the WP pin, with the BPL (Block Protection Locked) bit in the Status Register, is used to control the
hardware-locking mechanism of the device. For hardware locking to be active, two conditions must be met: the
WP pin must be asserted, and the BPL bit must be in the logical 1 state.
When hardware locking is active, the Block Protection (BP0) bit and the BPL bit are locked. Thus, if the memory
array is protected, it is locked in the protected state; if the memory array is unprotected, it is locked in the
unprotected state. These states cannot be changed as long as hardware locking is active, so the Write Status
Register command is ignored. To modify the protection status of the memory array, first deassert the WP pin, then
reset the BPL bit in the Status Register to the logical 0 state using the Write Status Register command.
If the WP pin is permanently connected to GND, then once the BPL bit is set to a logical 1, the only way to reset
the bit to the logical 0 state is to power-cycle the device. This allows a system to power-up with all sectors
software protected but not hardware locked. Thus, sectors can be unprotected and protected as needed and then
hardware locked at a later time by simply setting the BPL bit in the Status Register.
When the WP pin is deasserted, or if the WP pin is permanently connected to VCC, the BPL bit in the Status
Register can be set to a logical 1, but doing so does not lock the BP0 bit.
Table 4 lists the various protection and locking states of the device.
Table 3. Memory Array Protection
Protection Level
BP0
Protected Memory Address
None
0
None
Full Memory
1
00000h - 01FFFFh
Table 4. Hardware and Software Locking
WP
BPL
Locking
BPL Change Allowed
BP0 and Protection Status
0
0
Can be modified from 0 to 1
BP0 bit unlocked and modifiable using the Write Status Register command.
Memory array can be protected and unprotected freely.
01
Hardware
Locked
Locked
BP0 bit locked in current state. The Write Status Register command has no
affect. Memory array is locked in current protected or unprotected state.
1
0
Can be modified from 0 to 1
BP0 bit unlocked and modifiable using the Write Status Register command.
Memory array can be protected and unprotected freely.
1
1
Can be modified from 1 to 0
BP0 bit unlocked and modifiable using the Write Status Register command.
Memory array can be protected and unprotected freely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com