Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M22100
Description  4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M22100 Datasheet(HTML) 1 Page - STMicroelectronics

  M22100 Datasheet HTML 1Page - STMicroelectronics M22100 Datasheet HTML 2Page - STMicroelectronics M22100 Datasheet HTML 3Page - STMicroelectronics M22100 Datasheet HTML 4Page - STMicroelectronics M22100 Datasheet HTML 5Page - STMicroelectronics M22100 Datasheet HTML 6Page - STMicroelectronics M22100 Datasheet HTML 7Page - STMicroelectronics M22100 Datasheet HTML 8Page - STMicroelectronics M22100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
M22100
September 1988
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
EY
(Plastic Package)
ORDER CODES :
M22100 B1
M22100 F1
F
(Ceramic Package)
FUNCTIONAL DIAGRAM
.
LOW ON RESISTANCE – 75
Ω TYP. AT
VDD =12 V
.
”BUILT-IN” CONTROL LATCHES
.
LARGE ANALOG SIGNAL CAPABILITY
± VDD/2
.
TRANSMITS SIGNALS UP TO 10 MHz
.
MATCHED SWITCH CHARACTERISTICS
∆RON =18 Ω TYP. AT VDD – VSS =12 V.
.
HIGH LINEARITY : – 0.5 % DISTORTION (typ.)
AT f = 1 KHz, VIN = 5 V PEAK TO PEAK, VDD -
VSS =10 V, RL =10 K
Ω
.
STANDARD COS/MOS NOISE IMMUNITY
.
100 % TESTED FOR QUIESCENT CURRENT
The M22100 combines a 4 x 4 array of crosspoints
(transmission gates) with a 4-line-to-16-line decoder
and 16 latch circuits. Any one of the sixteen trans-
mission gates (crosspoints) can be selected by ap-
plying the appropriate four line address. The
selected transmission gate can be turned on or off
by applying a logical one or zero, respectively, to the
data input and strobing the strobe input to a logical
one. Any number of the transmission gates can be
ON simultaneously.
When the required operating power is applied to the
22100, the states of the 16 switches are indetermi-
nate.
Therefore, all switches must be turned off by putting
the strobe high and data-in-low, and then address-
ing all switches in succession.
DESCRIPTION
TRUTH TABLE
Address
Select
Address
Select
AB
CD
A
B
C
D
0000
X1 Y1
000
1
X1 Y3
1000
X2 Y1
100
1
X2 Y3
0100
X3 Y1
010
1
X3 Y3
1100
X4 Y1
110
1
X4 Y3
0010
X1 Y2
001
1
X1 Y4
1010
X2 Y2
101
1
X2 Y4
0110
X3 Y2
011
1
X3 Y4
1110
X4 Y2
111
1
X4 Y4
PIN CONNECTIONS
1/13


Similar Part No. - M22100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
M22100B1 STMICROELECTRONICS-M22100B1 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
More results

Similar Description - M22100

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66260FP MITSUBISHI-M66260FP Datasheet
126Kb / 6P
8 x 4 CROSSPOINT SWITCH with MIXING FUNCTION
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
STMicroelectronics
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
Sep-1988
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com