Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC8245 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
25
Electrical and Thermal Characteristics
Figure 15 provides the PCI_HOLD_DEL effect on output valid and hold times.
Figure 15. PCI_HOLD_DEL Effect on Output Valid and Hold Times
4.6
I2C
This section describes the DC and AC electrical characteristics for the I2C interfaces of the MPC8245.
4.6.1
I2C DC Electrical Characteristics
Table 12 provides the DC electrical characteristics for the I2C interfaces.
Table 12. I2C DC Electrical Characteristics
At recommended operating conditions with OVDD of 3.3 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage level
VIH
0.7
× OVDD
OVDD +0.3
V
Input low voltage level
VIL
–0.3
0.3
× OVDD
V
Low-level output voltage
VOL
00.2
× OVDD
V1
PCI_SYNC_IN
PCI Inputs/Outputs
33 MHz PCI
12a2, 7.0 ns for 33 MHz PCI
PCI_HOLD_DEL = 10
12a0, 6.0 ns for 66 MHz PCI
PCI_HOLD_DEL = 00
13a2, 2.1 ns for 33-MHz PCI
PCI_HOLD_DEL = 10
13a0, 1 ns for 66-MHz PCI
PCI_HOLD_DEL = 00
Output Valid
Output Hold
Note: Diagram not to scale.
As PCI_HOLD_DEL
Values Decrease
PCI Inputs
and Outputs
PCI Inputs/Outputs
66 MHz PCI
PCI_HOLD_DEL = 00
As PCI_HOLD_DEL
Values Increase
OVDD/2
OVDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com