Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC8245
Description  Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC8245 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8245 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
34
Freescale Semiconductor
Package Description
DQM[0:7]
AB1 AB2 K3 K2 AC1 AC2 K1 J1
Output
GVDD
DRV_MEM_CTRL
6
CS[0:7]
Y4 AA3 AA4 AC4 M2 L2 M1 L1
Output
GVDD
DRV_MEM_CTRL
6
FOE
H1
I/O
GVDD
DRV_MEM_CTRL
3, 4
RCS0
N4
Output
GVDD
DRV_MEM_CTRL
3, 4
RCS1
N2
Output
GVDD
DRV_MEM_CTRL
RCS2/TRIG_IN
AF20
I/O
OVDD
6 ohms
10, 14
RCS3/TRIG_OUT
AC18
Output
GVDD
DRV_MEM_CTRL
14
SDMA[1:0]
W1 W2
I/O
GVDD
DRV_MEM_CTRL
3, 4, 6
SDMA[11:2]
N1 R1 R2 T1 T2 U4 U2 U1 V1 V3
Output
GVDD
DRV_MEM_CTRL
6
DRDY
B20
Input
OVDD
—9, 10
SDMA12/SRESET
B16
I/O
GVDD
DRV_MEM_CTRL
10, 14
SDMA13/TBEN
B14
I/O
GVDD
DRV_MEM_CTRL
10, 14
SDMA14/
CHKSTOP_IN
D14
I/O
GVDD
DRV_MEM_CTRL
10, 14
SDBA1
P1
Output
GVDD
DRV_MEM_CTRL
SDBA0
P2
Output
GVDD
DRV_MEM_CTRL
PAR[0:7]
AF3 AE3 G4 E2 AE4 AF4 D2 C2
I/O
GVDD
DRV_STD_MEM
6
SDRAS
AD1
Output
GVDD
DRV_MEM_CTRL
3
SDCAS
AD2
Output
GVDD
DRV_MEM_CTRL
3
CKE
H2
Output
GVDD
DRV_MEM_CTRL
3, 4
WE
AA1
Output
GVDD
DRV_MEM_CTRL
AS
Y1
Output
GVDD
DRV_MEM_CTRL
3, 4
PIC Control Signals
IRQ0/S_INT
C19
Input
OVDD
—
IRQ1/S_CLK
B21
I/O
OVDD
DRV_PCI
IRQ2/S_RST
AC22
I/O
OVDD
DRV_PCI
IRQ3/S_FRAME
AE24
I/O
OVDD
DRV_PCI
IRQ4/L_INT
A23
I/O
OVDD
DRV_PCI
I2C Control Signals
SDA
AE20
I/O
OVDD
DRV_STD_MEM
10, 16
SCL
AF21
I/O
OVDD
DRV_STD_MEM
10, 16
Table 16. MPC8245 Pinout Listing (continued)
Name
Pin Numbers
Type
Power
Supply
Output
Driver Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com